Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP9021 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP9021
Description  Portable Battery Drive/Torque Controller for N-Channel MOSFETs in Motor Control Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP9021 Datasheet(HTML) 3 Page - Intersil Corporation

  HIP9021 Datasheet HTML 1Page - Intersil Corporation HIP9021 Datasheet HTML 2Page - Intersil Corporation HIP9021 Datasheet HTML 3Page - Intersil Corporation HIP9021 Datasheet HTML 4Page - Intersil Corporation HIP9021 Datasheet HTML 5Page - Intersil Corporation HIP9021 Datasheet HTML 6Page - Intersil Corporation HIP9021 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +16V
Input Voltage. . . . . . . . . . . . . . . . . . . . . . . GND -0.3V to VCC +0.3V
Maximum Current, IDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Maximum Transient Reverse Current, IR (10s). . . . . . . . . . . . -50mA
Operating Conditions
Typical Power Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . 7.5V
Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . . . +5V to +15V
Operating Temperature Range . . . . . . . . . . . . . . . . . -40oC to 150oC
Typical Oscillator Frequency. . . . . . . . . . . . . . . . . . . . . . . . . . . 5kHz
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
175
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VDD = 7.5V, Figure 1 Test Circuit, Table 1 Conditions, TA = +25
oC Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DC Supply Current
IDD
0.1
1.2
3.1
mA
OSC Source Current
+IOSC
19
25
32
µA
OSC Sink Current
-IOSC
-32
-25
-19
µA
OSC Threshold Voltage
VOSC(TH)
4.75
4.95
5.25
V
OSC Trigger Voltage
VOSC(TR)
2.30
2.45
2.65
V
TRIGGER Input Leak Current
ITRIGGER
-
0.02
1.5
µA
TORQUE Input Leak Current
ITORQUE
-
0.02
1.5
µA
DELAY Current at 1V
IDELAY1
1.5
3.4
6
µA
DELAY Current at 2V
IDELAY2
132
50
mA
DELAY Threshold Voltage
VDELAY(TH)
1.8
1.9
2
V
DRAIN Input Resistance
RDRAIN
150
260
350
k
Ω
DRAIN Current
IDRAIN
1
1.7
4.6
mA
GATE Output Source Current
IGATE
10
18
-
mA
GATE Output Voltage
VGATE
6.5
7.4
-
V
GATE Output Slew Rate
VGATE(S/R)
Measured in Typical Application Circuit,
Duty Cycle = 50%, See Figure 2
-10-
V/
µs
DELAY Output Framed Pulse
Duty Cycle
FP/DC
Gate Duty Cycle = 50%;
VTORQUE = GND; VDRAIN = VGATE;
DELAY =10k
Ω to GND, Refer to Figure 1
for the Test circuit and Timing Diagram of
the DELAY Output Pulse Frame.
-44-
%
DELAY Output Framed Pulse De-
lay, VGATE to VDELAY
FP/DLY
-3-
%
Typical Oscillator Frequency
fOSC
TA = 25
oC
-
5
-
kHz
TA = -40
oC
-
7.2
-
kHz
TA = 85
oC
-
3.6
-
kHz
NOTES:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
HIP9021



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com