Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP9021 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP9021
Description  Portable Battery Drive/Torque Controller for N-Channel MOSFETs in Motor Control Systems
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP9021 Datasheet(HTML) 5 Page - Intersil Corporation

  HIP9021 Datasheet HTML 1Page - Intersil Corporation HIP9021 Datasheet HTML 2Page - Intersil Corporation HIP9021 Datasheet HTML 3Page - Intersil Corporation HIP9021 Datasheet HTML 4Page - Intersil Corporation HIP9021 Datasheet HTML 5Page - Intersil Corporation HIP9021 Datasheet HTML 6Page - Intersil Corporation HIP9021 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Pin Descriptions
NAME
NUMBER
DESCRIPTION
DRAIN
1
The input to the DRAIN pin senses the drain of a power MOSFET Output Motor Driver. The DRAIN volt-
age is an image of the current flowing through the power MOSFET. By limiting this voltage, the torque of
the motor can be controlled.
TRIGGER
2
The TRIGGER input is an analog voltage control level used to fix the duty-cycle at the DRAIN Output. A
voltage level here is determined by a potentiometer adjustment. The TRIGGER voltage level is com-
pared with the triangle signal from the internal oscillator to produce a pulse-width modulated signal.
GND
3
Negative pole of the battery or system ground reference.
OSC
4
Oscillator output normally terminated in a charge/discharge capacitor. A constant current is flowing in
and out to charge and discharge the external capacitor.
TORQUE
5
The TORQUE input is a reference level adjustment for torque control. The voltage reference is compared
with DRAIN input. If VDRAIN > VTORQUE, the GATE output pulse drive must be disabled.
DELAY
6
An external capacitor at the DELAY output is used to delay the torque control action. The external ca-
pacitor at the DELAY pin will start to be charged if a MOSFET output over-current condition is detected.
The purpose of the capacitor is to delay the disabling action of the signal GATE drive.
GATE
7
The GATE output drives the Gate of the Power MOSFET.
VDD
8
Positive pole of the battery or Power Supply Voltage, nominally 7.5V.
+
-
NOTE: The value chosen for the torque level set pot is dependent on the type of power MOSFET and motor characteristics.
The TRIGGER is a combined SW/Speed Control function. Motor speed increases as the TRIGGER voltage decreases.
Speed control range: 2.35V (Min) < VTRIGGER < 5.25V (Max)
FIGURE 2. TYPICAL OPERATING CIRCUIT SHOWING THE HIP9021IB AS AN N-CHANNEL MOSFET DRIVER IN A PORTABLE
BATTERY ELECTRIC DRILL APPLICATION
1nF
3.3
µF
PORTABLE
ELECTRIC
DRILL MOTOR
OSCILLATOR
CONTROL
& LOGIC
DRAIN
TRIGGER
GATE
TORQUE
OSC
DELAY
HIP9021
VDD
GND
TORQUE
LEVEL SET
SPEED
CONTROL
VBATT
GC
+
1nF
180K
5.6K
100K
470K
200K
270K
1
µF
7.5V
330
Ω
15K
RFP45N03L
SW
POWER
N-CHANNEL
MOSFET
+
-
HIP9021



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com