Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70100SEH Datasheet (PDF) - Renesas Technology Corp

ISL70100SEH Datasheet PDF - Renesas Technology Corp
Part # ISL70100SEH
Download  ISL70100SEH Download
File Size   1577.59 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 40V Current Sense Amplifiers

ISL70100SEH Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL70100SEH Datasheet PDF - Renesas Technology Corp

Part # ISL70100SEH
Download  ISL70100SEH Click to download

File Size   1577.59 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 40V Current Sense Amplifiers

ISL70100SEH Datasheet (HTML) - Renesas Technology Corp


ISL70100SEH Product details

Features
• Power supply range: 2.7V to 40V
• Input common-mode range: -0.3V to 40V
• Transconductance: 2μA/mV (typical)
○ ±1% accuracy (TA = 25°C)
○ ±1.5% accuracy (TA = -55°C, 125°C)
• Voltage offset: 10μV (typical), V+ = 12V
• Adjustable gain with a single resistor
• Radiation acceptance testing - ISL70100SEH
○ HDR (50-300rad(Si)/s): 100krad(Si)
○ LDR (<10mrad(Si)/s): 75krad(Si)
• Radiation acceptance testing - ISL73100SEH
○ LDR (<10mrad(Si)/s): 75krad(Si)
• SEE hardness (see SEE report for details)
○ No SEB (V+ = 35V): 86.4MeV•cm2/mg
○ No SEB (V+ = 42V): 43.0MeV•cm2/mg
• Electrically Screened to SMD 5962-20212




Similar Part No. - ISL70100SEH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70100M RENESAS-ISL70100M Datasheet
1Mb / 35P
Radiation Tolerant 40V Current Sense Amplifier
May 5, 2025
ISL70100M30VZ RENESAS-ISL70100M30VZ Datasheet
1Mb / 35P
Radiation Tolerant 40V Current Sense Amplifier
May 5, 2025
ISL70100M30VZ-T RENESAS-ISL70100M30VZ-T Datasheet
1Mb / 35P
Radiation Tolerant 40V Current Sense Amplifier
May 5, 2025
ISL70100M30VZ-T7A RENESAS-ISL70100M30VZ-T7A Datasheet
1Mb / 35P
Radiation Tolerant 40V Current Sense Amplifier
May 5, 2025
ISL70100M50VZ RENESAS-ISL70100M50VZ Datasheet
1Mb / 35P
Radiation Tolerant 40V Current Sense Amplifier
May 5, 2025
More results


Similar Description - ISL70100SEH

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RH1280-CQ172V ACTEL-RH1280-CQ172V Datasheet
249Kb / 30P
Radiation-Hardened FPGAs
logo
International Rectifier
IRHLUB7970Z4 IRF-IRHLUB7970Z4_10 Datasheet
231Kb / 11P
RADIATION HARDENED
logo
Microsemi Corporation
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
RADIATION HARDENED
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
RADIATION HARDENED
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
RADIATION HARDENED
2N3634 MICROSEMI-2N3634_1 Datasheet
233Kb / 5P
RADIATION HARDENED
logo
Intersil Corporation
HS-5104ARH INTERSIL-HS-5104ARH_13 Datasheet
221Kb / 5P
Radiation Hardened, Low Noise Quad Operational Amplifiers
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
Radiation-Hardened
logo
Renesas Technology Corp
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
ISL70444SEH RENESAS-ISL70444SEH Datasheet
1Mb / 26P
19MHz Radiation Hardened 40V Quad Rail-to-Rail Input - Output, Low-Power Operational Amplifiers
Apr 15, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com