Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70444SEH Datasheet (PDF) - Renesas Technology Corp

ISL70444SEH Datasheet PDF - Renesas Technology Corp
Part # ISL70444SEH
Download  ISL70444SEH Download
File Size   1902.16 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 19MHz Radiation Hardened 40V Quad Rail-to-Rail Input - Output, Low-Power Operational Amplifiers

ISL70444SEH Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL70444SEH Datasheet PDF - Renesas Technology Corp

Part # ISL70444SEH
Download  ISL70444SEH Click to download

File Size   1902.16 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 19MHz Radiation Hardened 40V Quad Rail-to-Rail Input - Output, Low-Power Operational Amplifiers

ISL70444SEH Datasheet (HTML) - Renesas Technology Corp


ISL70444SEH Product details

Features
• Electrically screened to DLA SMD# 5962-13214
• Acceptance tested to 50krad(Si) (LDR) wafer-by-wafer
• <5μs recovery from SEE (LETTH = 86.4MeV•cm2/mg)
• Unity gain stable
• Rail-to-rail input and output
• Wide gain·bandwidth product . . . . . . . . . . . . . . . . . . . . 19MHz
• Wide single and dual supply range. . . . . . . . 2.7V to 40V max
• Low input offset voltage . . . . . . . . . . . . . . . . . . . . . . . . . 400μV
• Low current consumption (per amplifier) . . . . . . . 1.1mA, typ
• No phase reversal with input overdrive
• Slew rate
- Large signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60V/μs
• Operating temperature range. . . . . . . . . . . .-55°C to +125°C
• ISL70444SEH radiation acceptance (see TID report)
- High dose rate (50-300rad(Si)/s). . . . . . . . . . . 300krad(Si)
- Low dose rate (0.01rad(Si)/s) . . . . . . . . . . . . . . .50krad(Si)
• ISL73444SEH radiation acceptance (see TID report)
- Low dose rate (0.01rad(Si)/s) . . . . . . . . . . . . . . .50krad(Si)
• SEE hardness (see SEE report for details)
- SEB LETTH (VS = ±21V). . . . . . . . . . . . . . 86.4MeV•cm2/mg
- SEL immune (SOI Process)




Similar Part No. - ISL70444SEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70444SEH INTERSIL-ISL70444SEH Datasheet
1Mb / 23P
19MHz Rad Hard 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifiers
June 14, 2013
logo
Renesas Technology Corp
ISL70444SEH RENESAS-ISL70444SEH Datasheet
1Mb / 26P
19MHz Radiation Hardened 40V Quad Rail-to-Rail Input - Output, Low-Power Operational Amplifiers
Dec 12, 2024
logo
Intersil Corporation
ISL70444SEHEVAL1Z INTERSIL-ISL70444SEHEVAL1Z Datasheet
1Mb / 23P
19MHz Rad Hard 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifiers
June 14, 2013
logo
Renesas Technology Corp
ISL70444SEHEVAL1Z RENESAS-ISL70444SEHEVAL1Z Datasheet
1Mb / 26P
19MHz Radiation Hardened 40V Quad Rail-to-Rail Input - Output, Low-Power Operational Amplifiers
Dec 12, 2024
logo
Intersil Corporation
ISL70444SEHF/PROTO INTERSIL-ISL70444SEHF/PROTO Datasheet
1Mb / 23P
19MHz Rad Hard 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifiers
June 14, 2013
More results


Similar Description - ISL70444SEH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS1871 STMICROELECTRONICS-TS1871 Datasheet
73Kb / 10P
1.8V, INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Mar-2000
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Aug-1999
TS1851 STMICROELECTRONICS-TS1851_07 Datasheet
342Kb / 25P
1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
22-May-2007
logo
Intersil Corporation
ISL70444SEH INTERSIL-ISL70444SEH Datasheet
1Mb / 23P
19MHz Rad Hard 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifiers
June 14, 2013
logo
Texas Instruments
TLV2460-Q1 TI1-TLV2460-Q1_16 Datasheet
2Mb / 46P
Low-Power Rail-to-Rail Input/Output Operational Amplifiers
logo
Intersil Corporation
ISL70244SEH INTERSIL-ISL70244SEH Datasheet
1Mb / 21P
19MHz Radiation Hardened 40V Dual Rail-to-Rail Input-Output, Low-Power Operational Amplifier
September 1, 2016
logo
Renesas Technology Corp
ISL70218SEH RENESAS-ISL70218SEH Datasheet
918Kb / 23P
Radiation Hardened Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
Jun 12, 2020
ISL70244SEH RENESAS-ISL70244SEH Datasheet
1Mb / 25P
19MHz Radiation Hardened 40V Dual Rail-to-Rail Input-Output, Low-Power Operational Amplifier
Dec 2, 2020
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
ISL71444M RENESAS-ISL71444M Datasheet
1Mb / 30P
19MHz 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifier
Nov.6.20
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com