Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70218SEH Datasheet (PDF) - Renesas Technology Corp

ISL70218SEH Datasheet PDF - Renesas Technology Corp
Part # ISL70218SEH
Download  ISL70218SEH Download
File Size   918.24 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers

ISL70218SEH Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL70218SEH Datasheet PDF - Renesas Technology Corp

Part # ISL70218SEH
Download  ISL70218SEH Click to download

File Size   918.24 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers

ISL70218SEH Datasheet (HTML) - Renesas Technology Corp


ISL70218SEH Product details

Features
• DLA SMD# 5962-12222 (ISL70218SEH Only)
• Wide single and dual supply range . . . . . . 3V to 42V, Abs. Max.
• Low current consumption . . . . . . . . . . . . . . . . .850μA, typical
• Low input offset voltage. . . . . . . . . . . . . . . . . . . . 40μV, typical
• Rail-to-rail output . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <10mV
• Rail-to-rail input differential voltage range for comparator
applications
• Operating temperature range. . . . . . . . . . . .-55°C to +125°C
• Below-ground (V-) input capability to -0.5V
• Low noise voltage . . . . . . . . . . . . . . . . . . . .5.6nV/Hz, typical
• Low noise current. . . . . . . . . . . . . . . . . . . . 355fA/Hz, typical
• Offset voltage temperature drift . . . . . . . . .0.3μV/°C, typical
• No phase reversal
• Radiation acceptance testing - ISL70218SRH
- HDR (50-300rad(Si)/s) . . . . . . . . . . . . . . . . . . . 100krad(Si)
• Radiation acceptance testing - ISL70218SEH
- HDR (50-300rad(Si)/s) . . . . . . . . . . . . . . . . . . . 100krad(Si)
- LDR (0.01rad(Si)/s) . . . . . . . . . . . . . . . . . . . . . . . .50krad(Si)
• SEE hardness (see SEE report for details)
- SEB LETTH (VS = ±18V) . . . . . . . . . . . . . . 86.4MeV•cm2/mg
- SEL Immune (SOI Process)




Similar Part No. - ISL70218SEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70218SEH INTERSIL-ISL70218SEH Datasheet
1Mb / 20P
Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
August 24, 2012
ISL70218SEHF/PROTO INTERSIL-ISL70218SEHF/PROTO Datasheet
1Mb / 20P
Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
August 24, 2012
ISL70218SEHX/SAMPLE INTERSIL-ISL70218SEHX/SAMPLE Datasheet
1Mb / 20P
Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
August 24, 2012
More results


Similar Description - ISL70218SEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
November 22, 2010
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
September 21, 2011
ISL70218SRH INTERSIL-ISL70218SRH Datasheet
943Kb / 18P
Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
August 17, 2011
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
November 1, 2011
ISL70218SEH INTERSIL-ISL70218SEH Datasheet
1Mb / 20P
Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
August 24, 2012
ISL28118 INTERSIL-ISL28118_15 Datasheet
1Mb / 29P
40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
July 27, 2015
ISL28108FBZ INTERSIL-ISL28108FBZ Datasheet
1Mb / 34P
40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
March 4, 2014
logo
Renesas Technology Corp
ISL28108 RENESAS-ISL28108 Datasheet
1Mb / 34P
40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
ISL71218M RENESAS-ISL71218M Datasheet
2Mb / 29P
Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifier
Jan 19, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com