Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL71218M Datasheet (PDF) - Renesas Technology Corp

ISL71218M Datasheet PDF - Renesas Technology Corp
Part # ISL71218M
Download  ISL71218M Download
File Size   2249.1 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifier

ISL71218M Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL71218M Datasheet PDF - Renesas Technology Corp

Part # ISL71218M
Download  ISL71218M Click to download

File Size   2249.1 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifier

ISL71218M Datasheet (HTML) - Renesas Technology Corp


ISL71218M Product details

Features
• Passes NASA low outgassing specifications
•Wide single and dual supply range: 3V to 30V (±10%)
• Low current consumption: 850μA, typical
• Low input offset voltage: 40μV, typical
• Rail-to-rail output: <10mV
• NiPdAu-Ag lead finish
• Dielectrically isolated PR40 process
• Rail-to-rail input differential voltage range for
comparator applications
• Operating temperature range: -55°C to +125°C
• Below-ground (V-) input capability to -0.5V
• Low noise voltage: 5.6nV/Hz, typical
• Low noise current: 355fA/Hz, typical
• Offset voltage temperature drift: 0.3μV/°C, typical
• No phase reversal
• Characterized radiation levels
• Low dose rate (<10mrad(Si)): 30krad(Si)
• Single event burnout LET: 43MeV•cm2/mg
Related Literature
For a full list of related documents, visit our website
• ISL71218M product page




Similar Part No. - ISL71218M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL7124SEH RENESAS-ISL7124SEH Datasheet
177Kb / 2P
Single-Event Hardened, Single Supply, Quad Operational Amplifiers
February 23, 2012
ISL7124SEHVF RENESAS-ISL7124SEHVF Datasheet
177Kb / 2P
Single-Event Hardened, Single Supply, Quad Operational Amplifiers
February 23, 2012
logo
Intersil Corporation
ISL7124SRH INTERSIL-ISL7124SRH Datasheet
135Kb / 2P
Single-Event Hardened, Single Supply, Quad Operational Amplifier
September 2002
logo
Renesas Technology Corp
ISL7124SRH RENESAS-ISL7124SRH Datasheet
177Kb / 2P
Single-Event Hardened, Single Supply, Quad Operational Amplifiers
February 23, 2012
logo
Intersil Corporation
ISL7124SRHF INTERSIL-ISL7124SRHF Datasheet
135Kb / 2P
Single-Event Hardened, Single Supply, Quad Operational Amplifier
September 2002
More results


Similar Description - ISL71218M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6442 NSC-LMC6442 Datasheet
1,011Kb / 16P
Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
logo
Analog Devices
AD8698 AD-AD8698 Datasheet
317Kb / 20P
Dual Precision, Rail-to-Rail Output Operational Amplifier
4/04-Revision 0
logo
New Japan Radio
NJM8202 NJRC-NJM8202 Datasheet
336Kb / 10P
Single Supply, Rail-to-Rail Output Dual Operational Amplifier
logo
Intersil Corporation
ISL28118 INTERSIL-ISL28118 Datasheet
1Mb / 23P
40V Precision Single Supply Rail-to-Rail Output Low Power Operational Amplifiers
November 22, 2010
ISL28118_1109 INTERSIL-ISL28118_1109 Datasheet
1Mb / 28P
40V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
September 21, 2011
ISL70218SRH INTERSIL-ISL70218SRH Datasheet
943Kb / 18P
Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
August 17, 2011
ISL70218SEH INTERSIL-ISL70218SEH Datasheet
1Mb / 20P
Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
August 24, 2012
logo
New Japan Radio
NJM2746M-TE1 NJRC-NJM2746M-TE1 Datasheet
311Kb / 6P
Single Supply, Rail-to-Rail Output Dual Operational Amplifier
logo
Renesas Technology Corp
ISL28118 RENESAS-ISL28118 Datasheet
1Mb / 29P
40V Precision Single-Supply, Rail-to-rail Output, Low-power Operational Amplifiers
ISL70218SEH RENESAS-ISL70218SEH Datasheet
918Kb / 23P
Radiation Hardened Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
Jun 12, 2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com