Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70244SEH Datasheet (PDF) - Renesas Technology Corp

ISL70244SEH Datasheet PDF - Renesas Technology Corp
Part # ISL70244SEH
Download  ISL70244SEH Download
File Size   1806.44 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 19MHz Radiation Hardened 40V Dual Rail-to-Rail Input-Output, Low-Power Operational Amplifier

ISL70244SEH Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL70244SEH Datasheet PDF - Renesas Technology Corp

Part # ISL70244SEH
Download  ISL70244SEH Click to download

File Size   1806.44 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 19MHz Radiation Hardened 40V Dual Rail-to-Rail Input-Output, Low-Power Operational Amplifier

ISL70244SEH Datasheet (HTML) - Renesas Technology Corp


ISL70244SEH Product details

Features
• Electrically screened to DLA SMD # 5962-13248
Acceptance tested to 50krad(Si) (LDR) wafer-by-wafer
• <5μs recovery from SET (LETTH = 86.4MeV•cm2/mg)
• Unity gain stable
• Rail-to-rail input and output
• Wide gain bandwidth product . . . . . . . . . . . . . . . . . . . . 19MHz
• Wide single and dual supply range. . .2.7V to 40V maximum
• Low input offset voltage . . . . . . . 400μV (+25°C, maximum)
• Low current consumption (per amplifier) . . . . 1.2mA, typical
• No phase reversal with input overdrive
• Slew rate
- Large signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60V/μs
• Operating temperature range. . . . . . . . . . . .-55°C to +125°C
• ISL70244SEH radiation acceptance (see TID report)
- High dose rate (50-300rad(Si)/s). . . . . . . . . . . 300krad(Si)
- Low dose rate (0.01rad(Si)/s) . . . . . . . . . . . . . . .50krad(Si)
• ISL73244SEH radiation acceptance (see TID report)
- Low dose rate (0.01rad(Si)/s) . . . . . . . . . . . . . . .50krad(Si)
• SEE hardness (see SEE report for details)
- SEL/SEB LETTH (VS = ±19V) . . . . . . . . . 86.4MeV•cm2/mg
Applications
• Precision instruments
• Active filter blocks
• Data acquisition
• Power supply control
• Process control




Similar Part No. - ISL70244SEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70244SEH INTERSIL-ISL70244SEH Datasheet
1Mb / 21P
19MHz Radiation Hardened 40V Dual Rail-to-Rail Input-Output, Low-Power Operational Amplifier
September 1, 2016
ISL70244SEHEV1Z INTERSIL-ISL70244SEHEV1Z Datasheet
1Mb / 21P
19MHz Radiation Hardened 40V Dual Rail-to-Rail Input-Output, Low-Power Operational Amplifier
September 1, 2016
ISL70244SEHF INTERSIL-ISL70244SEHF Datasheet
1Mb / 21P
19MHz Radiation Hardened 40V Dual Rail-to-Rail Input-Output, Low-Power Operational Amplifier
September 1, 2016
ISL70244SEHVF INTERSIL-ISL70244SEHVF Datasheet
1Mb / 21P
19MHz Radiation Hardened 40V Dual Rail-to-Rail Input-Output, Low-Power Operational Amplifier
September 1, 2016
ISL70244SEHVX INTERSIL-ISL70244SEHVX Datasheet
1Mb / 21P
19MHz Radiation Hardened 40V Dual Rail-to-Rail Input-Output, Low-Power Operational Amplifier
September 1, 2016
More results


Similar Description - ISL70244SEH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
Input/Output Rail-to-Rail Low Power Operational Amplifier
Dec-2005
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
Input/output rail-to-rail low power operational amplifier
10-Dec-2007
logo
New Japan Radio
NJM8532 NJRC-NJM8532 Datasheet
303Kb / 10P
Rail-to-Rail Input/Output Dual Operational Amplifier
logo
Intersil Corporation
ISL70444SEH INTERSIL-ISL70444SEH Datasheet
1Mb / 23P
19MHz Rad Hard 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifiers
June 14, 2013
ISL70244SEH INTERSIL-ISL70244SEH Datasheet
1Mb / 21P
19MHz Radiation Hardened 40V Dual Rail-to-Rail Input-Output, Low-Power Operational Amplifier
September 1, 2016
logo
E-CMOS Corporation
EC5758 E-CMOS-EC5758 Datasheet
812Kb / 12P
1MHz, Low Power, CMOS, EMI Hardened, Rail-to-Rail Dual Operational Amplifier
logo
Texas Instruments
OPA810 TI1-OPA810 Datasheet
644Kb / 21P
OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
logo
Renesas Technology Corp
ISL70218SEH RENESAS-ISL70218SEH Datasheet
918Kb / 23P
Radiation Hardened Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
Jun 12, 2020
ISL70444SEH RENESAS-ISL70444SEH Datasheet
1Mb / 26P
19MHz Radiation Hardened 40V Quad Rail-to-Rail Input - Output, Low-Power Operational Amplifiers
Apr 15, 2021
ISL71444M RENESAS-ISL71444M Datasheet
1Mb / 30P
19MHz 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifier
Nov.6.20
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com