Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70219ASEH Datasheet (PDF) - Renesas Technology Corp

ISL70219ASEH Datasheet PDF - Renesas Technology Corp
Part # ISL70219ASEH
Download  ISL70219ASEH Download
File Size   6978.53 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 40V Radiation Hardened and SET Enhanced, Precision Low-Power Operational Amplifier

ISL70219ASEH Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL70219ASEH Datasheet PDF - Renesas Technology Corp

Part # ISL70219ASEH
Download  ISL70219ASEH Click to download

File Size   6978.53 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 40V Radiation Hardened and SET Enhanced, Precision Low-Power Operational Amplifier

ISL70219ASEH Datasheet (HTML) - Renesas Technology Corp


ISL70219ASEH Product details

Features
• Electrically screened to DLA SMD# 5962-14226
• Low input offset voltage. . . . . . . . . . . . . . ±110μV, maximum
• Superb offset temperature coefficient. . .1μV/°C, maximum
• Input bias current . . . . . . . . . . . . . . . . . . . . ±15nA, maximum
• Input bias current TC . . . . . . . . . . . . . . . ±5pA/°C, maximum
• Low current consumption . . . . . . . . . . . . . . . . . . . . . . . 440μA
• Voltage noise . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8nV/√Hz
• Wide supply range . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 36V
• Operating temperature range. . . . . . . . . . . .-55°C to +125°C
• Radiation environment
- SEB LETTH (VS = ±18V) . . . . . . . . . . . . . . 86.4MeV•cm2/mg
- SET recovery time . . . . . . . . . . . ≤10μs at 60MeV•cm2/m
- SEL immune (SOI process)
- Total dose HDR (50 to 300rad(Si)/s). . . . . . . . 300krad(Si)
- Total dose LDR (10mrad(Si)/s) . . . . . . . . . . .100krad(Si) *
* Product capability established by initial characterization. The
EH version is acceptance tested on a wafer-by-wafer basis to
50krad(Si) at low dose rate.




Similar Part No. - ISL70219ASEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70218SEH INTERSIL-ISL70218SEH Datasheet
1Mb / 20P
Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
August 24, 2012
logo
Renesas Technology Corp
ISL70218SEH RENESAS-ISL70218SEH Datasheet
918Kb / 23P
Radiation Hardened Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
Jun 12, 2020
ISL70218SEHF RENESAS-ISL70218SEHF Datasheet
918Kb / 23P
Radiation Hardened Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
Jun 12, 2020
logo
Intersil Corporation
ISL70218SEHF/PROTO INTERSIL-ISL70218SEHF/PROTO Datasheet
1Mb / 20P
Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
August 24, 2012
logo
Renesas Technology Corp
ISL70218SEHVF RENESAS-ISL70218SEHVF Datasheet
918Kb / 23P
Radiation Hardened Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
Jun 12, 2020
More results


Similar Description - ISL70219ASEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2700RH INTERSIL-HS-2700RH Datasheet
92Kb / 6P
Low Power, High Performance Radiation Hardened Operational Amplifier
August 1999
HS-3530RH INTERSIL-HS-3530RH Datasheet
106Kb / 12P
Low Power, Radiation Hardened Programmable Operational Amplifier
1995 08
HS-5104ARH INTERSIL-HS-5104ARH Datasheet
38Kb / 3P
Radiation Hardened Low Noise Quad Operational Amplifier
1999 08
HS-5104ARH INTERSIL-HS-5104ARH_01 Datasheet
54Kb / 3P
Radiation Hardened Low Noise Quad Operational Amplifier
August 2001
ISL70419SEH INTERSIL-ISL70419SEH Datasheet
1Mb / 22P
Radiation Hardened 36V Quad Precision Low Power Operational Amplifier With Enhanced SET Performance
July 11, 2014
logo
Texas Instruments
OPA4277-SP TI-OPA4277-SP_19 Datasheet
479Kb / 25P
Radiation Hardened High-Precision Operational Amplifier
logo
Renesas Technology Corp
ISL70227SEH RENESAS-ISL70227SEH Datasheet
1Mb / 18P
36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
ISL70227SRH RENESAS-ISL70227SRH Datasheet
1Mb / 14P
36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
ISL70419SEH RENESAS-ISL70419SEH Datasheet
1Mb / 23P
Radiation Hardened 36V Quad Precision Low Power Operational Amplifiers with Enhanced SET Performance
Nov 21, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com