Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD3V3T1BL Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD3V3T1BL Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD3V3T1BL
Download  PESD3V3T1BL Download
File Size   251.97 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Bidirectional ESD protection diode

PESD3V3T1BL Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD3V3T1BL Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD3V3T1BL
Download  PESD3V3T1BL Click to download

File Size   251.97 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Bidirectional ESD protection diode

PESD3V3T1BL Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD3V3T1BL Product details

1. General description
Bidirectional ElectroStatic Discharge (ESD) protection diode designed to protect one signal line
from the damage caused by ESD and other transients.
The device is housed in a SOD882 leadless ultra small Surface-Mounted Device (SMD) plastic
package.

2. Features and benefits
• Bidirectional ESD protection of one line
• Ultra small SMD plastic package 1 x 0.6 x 0.48 mm
• ESD protection up to 30 kV
• Very high surge robustness; IPP = 12 A for 8/20 μs; average measured
• AEC-Q101 qualified

3. Applications
• ESD and surge protection for interface lines




Similar Part No. - PESD3V3T1BL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD3V3T1BL-Q NEXPERIA-PESD3V3T1BL-Q Datasheet
253Kb / 11P
Bidirectional ESD protection diode
7 June 2023
PESD3V3T1BLD NEXPERIA-PESD3V3T1BLD Datasheet
264Kb / 12P
Bidirectional ESD protection diode
21 November 2018
PESD3V3T1BLD-Q NEXPERIA-PESD3V3T1BLD-Q Datasheet
265Kb / 12P
Bidirectional ESD protection diode
4 October 2022
PESD3V3T1BLS NEXPERIA-PESD3V3T1BLS Datasheet
228Kb / 11P
Bidirectional ESD protection diode
8 February 2021
More results


Similar Description - PESD3V3T1BL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD1IVN24L-Q NEXPERIA-PESD1IVN24L-Q Datasheet
198Kb / 11P
Bidirectional ESD protection diode
7 March 2023
PESD1IVN27L-Q NEXPERIA-PESD1IVN27L-Q Datasheet
216Kb / 11P
Bidirectional ESD protection diode
7 March 2023
PESD5V0S1BB-Q NEXPERIA-PESD5V0S1BB-Q Datasheet
208Kb / 11P
Bidirectional ESD protection diode
10 June 2022
PESD27VV1BA NEXPERIA-PESD27VV1BA Datasheet
265Kb / 11P
Bidirectional ESD protection diode
25 June 2019
PESD3V3T1BLS NEXPERIA-PESD3V3T1BLS Datasheet
228Kb / 11P
Bidirectional ESD protection diode
8 February 2021
PESD3V3T1BLD NEXPERIA-PESD3V3T1BLD Datasheet
264Kb / 12P
Bidirectional ESD protection diode
21 November 2018
PESD5V0S1BLD NEXPERIA-PESD5V0S1BLD Datasheet
279Kb / 11P
Bidirectional ESD protection diode
11 October 2018
PESD18VF1BBL NEXPERIA-PESD18VF1BBL Datasheet
207Kb / 11P
Bidirectional ESD protection diode
25 July 2023
PESD24VV1BLS NEXPERIA-PESD24VV1BLS Datasheet
230Kb / 11P
Bidirectional ESD protection diode
3 June 2022
PESD30VF1BBL NEXPERIA-PESD30VF1BBL Datasheet
209Kb / 11P
Bidirectional ESD protection diode
25 July 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com