Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD5V0V1BLS Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD5V0V1BLS Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD5V0V1BLS
Download  PESD5V0V1BLS Download
File Size   228.24 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Very low capacitance bidirectional ESD protection diode

PESD5V0V1BLS Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD5V0V1BLS Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD5V0V1BLS
Download  PESD5V0V1BLS Click to download

File Size   228.24 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Very low capacitance bidirectional ESD protection diode

PESD5V0V1BLS Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD5V0V1BLS Product details

1. General description
Very low capacitance bidirectional ElectroStatic Discharge (ESD) protection diode designed to
protect one signal line from the damage caused by ESD and other transients. The device is housed
in a leadless ultra small DFN1006BD-2 (SOD882BD) Surface-Mounted Device (SMD) plastic
package with side-wettable flanks (SWF).

2. Features and benefits
• Bidirectional ESD protection of one line
• Ultra small SMD plastic package
• Side wettable flanks
• Very low diode capacitance: Cd = 11 pF
• Low clamping voltage: VCL = 12.5 V
• Ultra low leakage current: IRM typ. < 1 nA
• ESD protection up to 30 kV
• IEC 61000-4-2; level 4 (ESD)
• IEC 61000-4-5 (surge); IPPM = 4.8 A
• AEC-Q101 qualified

3. Applications
• Computers and peripherals
• Audio and video equipment
• Cellular handsets and accessories
• SIM card protection
• Communication systems
• Portable electronics




Similar Part No. - PESD5V0V1BLS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0V1BL NXP-PESD5V0V1BL Datasheet
127Kb / 13P
Very low capacitance bidirectional ESD protection diodes
Rev. 01-28 July 2009
logo
Shanghai Leiditech Elec...
PESD5V0V1BL LEIDITECH-PESD5V0V1BL Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
Rev : 01.06.2018
logo
Nexperia B.V. All right...
PESD5V0V1BL NEXPERIA-PESD5V0V1BL Datasheet
239Kb / 12P
Very low capacitance bidirectional ESD protection diode
5 July 2018
logo
TECH PUBLIC Electronics...
PESD5V0V1BL TECHPUBLIC-PESD5V0V1BL Datasheet
645Kb / 4P
1-Line Bi-directional TVS Diode
logo
Nexperia B.V. All right...
PESD5V0V1BL NEXPERIA-PESD5V0V1BL Datasheet
406Kb / 15P
Very low capacitance bidirectional ESD protection diodes
Rev. 2 - 9 November 2012
More results


Similar Description - PESD5V0V1BLS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0V1BLD NXP-PESD5V0V1BLD Datasheet
173Kb / 14P
Very low capacitance bidirectional ESD protection diode
Rev. 1-7 December 2010
PESD5V0V1BDSF PHILIPS-PESD5V0V1BDSF_15 Datasheet
339Kb / 12P
Very low capacitance bidirectional ESD protection diode
Rev. 1-17 April 2012
PESD12VV1BL PHILIPS-PESD12VV1BL_15 Datasheet
586Kb / 12P
Very low capacitance bidirectional ESD protection diode
Rev. 2-18 March 2013
PESD5V0V1BLD PHILIPS-PESD5V0V1BLD_15 Datasheet
173Kb / 14P
Very low capacitance bidirectional ESD protection diode
Rev. 1-7 December 2010
logo
Nexperia B.V. All right...
PESD5V0V1BB-Q NEXPERIA-PESD5V0V1BB-Q Datasheet
249Kb / 11P
Very low capacitance bidirectional ESD protection diode
23 August 2022
PESD5V0V1BL-Q NEXPERIA-PESD5V0V1BL-Q Datasheet
252Kb / 12P
Very low capacitance bidirectional ESD protection diode
30 September 2022
PESD5V0V1BLD-Q NEXPERIA-PESD5V0V1BLD-Q Datasheet
263Kb / 12P
Very low capacitance bidirectional ESD protection diode
31 May 2022
PESD5V0V1BL NEXPERIA-PESD5V0V1BL Datasheet
239Kb / 12P
Very low capacitance bidirectional ESD protection diode
5 July 2018
PESD4V0X1BESF NEXPERIA-PESD4V0X1BESF Datasheet
206Kb / 10P
Very low capacitance bidirectional ESD protection diode
2 March 2021
PESD5V0V1BLD NEXPERIA-PESD5V0V1BLD Datasheet
260Kb / 12P
Very low capacitance bidirectional ESD protection diode
1 April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com