Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD4V0X1BESF Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD4V0X1BESF Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD4V0X1BESF
Download  PESD4V0X1BESF Download
File Size   206.73 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Very low capacitance bidirectional ESD protection diode

PESD4V0X1BESF Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD4V0X1BESF Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD4V0X1BESF
Download  PESD4V0X1BESF Click to download

File Size   206.73 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Very low capacitance bidirectional ESD protection diode

PESD4V0X1BESF Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD4V0X1BESF Product details

1. General description
Very low capacitance bidirectional ElectroStatic Discharge (ESD) protection diode, part of the
TrEOS protection family . The device is housed in a DSN0603-2 (SOD962-2) leadless ultra small
Surface-Mounted Device (SMD) package designed to protect one signal line from the damage
caused by ESD and other transients.
2. Features and benefits
• Bidirectional ESD protection of one line
• Extremely low diode capacitance Cd = 0.9 pF
• Extremely low clamping to protect sensitive I/Os
• Extremely low-inductance protection path to ground
• ESD protection up to ± 30 kV according to IEC 61000-4-2
• Surge robustness IPPM = 15 A according to IEC 61000-4-5
• Ultra small SMD package
3. Applications
• Cellular handsets and accessories
• Portable electronics
• Communication systems
• Computers and peripherals




Similar Part No. - PESD4V0X1BESF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD4V0X2UM NEXPERIA-PESD4V0X2UM Datasheet
654Kb / 13P
Extremely low capacitance unidirectional ESD protection diode array
2022-12-13
PESD4V0X2UM NEXPERIA-PESD4V0X2UM Datasheet
654Kb / 13P
Extremely low capacitance unidirectional ESD protection diode array
26 August 2021
PESD4V0X2UMZ NEXPERIA-PESD4V0X2UMZ Datasheet
654Kb / 13P
Extremely low capacitance unidirectional ESD protection diode array
26 August 2021
PESD4V0X2UM NEXPERIA-PESD4V0X2UM_V01 Datasheet
654Kb / 13P
Extremely low capacitance unidirectional ESD protection diode array
26 August 2021
More results


Similar Description - PESD4V0X1BESF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0V1BLD NXP-PESD5V0V1BLD Datasheet
173Kb / 14P
Very low capacitance bidirectional ESD protection diode
Rev. 1-7 December 2010
PESD5V0V1BDSF PHILIPS-PESD5V0V1BDSF_15 Datasheet
339Kb / 12P
Very low capacitance bidirectional ESD protection diode
Rev. 1-17 April 2012
PESD12VV1BL PHILIPS-PESD12VV1BL_15 Datasheet
586Kb / 12P
Very low capacitance bidirectional ESD protection diode
Rev. 2-18 March 2013
PESD5V0V1BLD PHILIPS-PESD5V0V1BLD_15 Datasheet
173Kb / 14P
Very low capacitance bidirectional ESD protection diode
Rev. 1-7 December 2010
logo
Nexperia B.V. All right...
PESD5V0V1BB-Q NEXPERIA-PESD5V0V1BB-Q Datasheet
249Kb / 11P
Very low capacitance bidirectional ESD protection diode
23 August 2022
PESD5V0V1BL-Q NEXPERIA-PESD5V0V1BL-Q Datasheet
252Kb / 12P
Very low capacitance bidirectional ESD protection diode
30 September 2022
PESD5V0V1BLD-Q NEXPERIA-PESD5V0V1BLD-Q Datasheet
263Kb / 12P
Very low capacitance bidirectional ESD protection diode
31 May 2022
PESD5V0V1BLS NEXPERIA-PESD5V0V1BLS Datasheet
228Kb / 11P
Very low capacitance bidirectional ESD protection diode
3 February 2021
PESD5V0V1BL NEXPERIA-PESD5V0V1BL Datasheet
239Kb / 12P
Very low capacitance bidirectional ESD protection diode
5 July 2018
PESD5V0V1BLD NEXPERIA-PESD5V0V1BLD Datasheet
260Kb / 12P
Very low capacitance bidirectional ESD protection diode
1 April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com