Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC5K-AW Datasheet (PDF) - Recom International Power

REC5K-AW Datasheet PDF - Recom International Power
Part # REC5K-AW
Download  REC5K-AW Download
File Size   542.19 Kbytes
Page   5 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 5 Watt 1” x 1” Single Output

REC5K-AW Datasheet (PDF)

Go To PDF Page Download Datasheet
REC5K-AW Datasheet PDF - Recom International Power

Part # REC5K-AW
Download  REC5K-AW Click to download

File Size   542.19 Kbytes
Page   5 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description 5 Watt 1” x 1” Single Output

REC5K-AW Datasheet (HTML) - Recom International Power


REC5K-AW Product details

Features
• 4kVDC/1sec basic grade isolation
• Industry standard 5W 1”x1” package
• Feedback regulated output
• Derates to 110°C ambient temperature
• Wide 4:1 input
• ON/OFF control pin, UVLO, SCP
• 0% minimum load




Similar Part No. - REC5K-AW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC5 RECOM-REC5 Datasheet
95Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC5-033SRWL RECOM-REC5-033SRWL Datasheet
79Kb / 2P
ECONOLINE - DC/DC - CONVERTER
REC5-0505DRW RECOM-REC5-0505DRW Datasheet
84Kb / 3P
5 Watt DIP24 & SMD Single & Dual Output
REC5-0505DRW RECOM-REC5-0505DRW Datasheet
120Kb / 4P
5 Watt DIP24 & SMD Single & Dual Output
REC5-0505DRWH1 RECOM-REC5-0505DRWH1 Datasheet
84Kb / 3P
5 Watt DIP24 & SMD Single & Dual Output
More results


Similar Description - REC5K-AW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC10-123.3SRW RECOM-REC10-123.3SRW Datasheet
82Kb / 2P
10 Watt 1??x 2??Single & Dual Output
REC15-123.3SRW RECOM-REC15-123.3SRW Datasheet
82Kb / 2P
15 Watt 1??x 2??Single & Dual Output
REC20-242.5SRW RECOM-REC20-242.5SRW Datasheet
80Kb / 2P
20 Watt 1??x 2??Single Output
RP20-243.3SFW RECOM-RP20-243.3SFW Datasheet
73Kb / 3P
20 Watt 2??x 1??Single & Dual Output
logo
RSG Electronic Componen...
RR4-S05-D05 RSG-RR4-S05-D05 Datasheet
168Kb / 3P
5 Watt 2:1 regulated single & dual output
RR7-S05-D05 RSG-RR7-S05-D05 Datasheet
131Kb / 3P
5 Watt 4:1 regulated single & dual output
logo
Recom International Pow...
RP12-AR RECOM-RP12-AR Datasheet
816Kb / 8P
12 Watt 1 x 1 Single and Dual Output
REC8E RECOM-REC8E Datasheet
2Mb / 6P
8 Watt 1??x 1??Single and Dual Output
RAC20E-K_277 RECOM-RAC20E-K_277 Datasheet
2Mb / 7P
20 Watt 2” x 1” Single Output
REV.: 0/2022
REC30E-Z RECOM-REC30E-Z Datasheet
1Mb / 7P
30 Watt 1“ x 1“ Single & Dual Output
REV.: 0/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com