Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC5K-AW Datasheet(PDF) 4 Page - Recom International Power

Part # REC5K-AW
Description  5 Watt 1” x 1” Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC5K-AW Datasheet(HTML) 4 Page - Recom International Power

  REC5K-AW Datasheet HTML 1Page - Recom International Power REC5K-AW Datasheet HTML 2Page - Recom International Power REC5K-AW Datasheet HTML 3Page - Recom International Power REC5K-AW Datasheet HTML 4Page - Recom International Power REC5K-AW Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.recom-power.com
REV.: 0/2023
ECO-4
DC/DC
Converter
REC5K-AW
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
Audio/Video, information and communication technology equipment -
Part1: Safety requirements 3rd Edition
E491408-A6023-UL
UL62368-1:2019 3rd Edition
CAN/CSA-C22.2 No. 62368-1-19 3rd Edition
Audio/Video, information and communication technology equipment -
Part1: Safety requirements 3rd Edition (CB Scheme)
085-220181201-000
IEC62368-1:2018 3rd Edition
EN IEC 62368-1:2020+A11:2020
RoHS2
RoHS-2011/65/EU + AM-2015/863
EMC Compliance
Condition
Standard / Criterion
Electromagnetic Compatibility of Multimedia Equipment - Emission
Requirements
with external filter
EN55032, Class B
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
EMC Filtering Suggestions according to EN55032
+V
out
+V
in
-V
out
-V
in
L1
L2
CY1
CY2
C1
C2
-Vout
+Vout
-Vin
+Vin
Component List Class B
L1/L2
C1/C2
CY1/CY2
RLS-226
22µF
2.2nF
-40
-20
0
20
40
70
60
85
105
-30
-10
10
30
50
80 90
110
100
5.0
4.0
3.0
2.0
1.0
0
Ambient Temperature [°C]
18-36Vin
12-18Vin
9-12Vin
Derating Graph



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com