Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRF2010 Datasheet (PDF) - Guerrilla RF, Inc.

GRF2010 Datasheet PDF - Guerrilla RF, Inc.
Part # GRF2010
Download  GRF2010 Download
File Size   1752.37 Kbytes
Page   21 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description BROADBAND LINEAR GAIN BLOCK 0.05 to 5 GHz

GRF2010 Datasheet (PDF)

Go To PDF Page Download Datasheet
GRF2010 Datasheet PDF - Guerrilla RF, Inc.

Part # GRF2010
Download  GRF2010 Click to download

File Size   1752.37 Kbytes
Page   21 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description BROADBAND LINEAR GAIN BLOCK 0.05 to 5 GHz

GRF2010 Datasheet (HTML) - Guerrilla RF, Inc.


GRF2010 Product details

FEATURES
Flexible Bias
Internally Matched to 50 Ω
Process: GaAs pHEMT
Compact 1.5 x 1.5 mm DFN-6 Package

Reference: 5 V / 90 mA / 1.9 GHz
Gain: 10.2 dB
OIP3: 36 dBm
OP1dB: 20 dBm
EVB Noise Figure: 3.1 dB

APPLICATIONS
Systems Requiring Flat Gain
Linear Driver Amplifier
Small Cells and Cellular Repeaters
IF Amplifier




Similar Part No. - GRF2010

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF2011 GUERRILLA-GRF2011 Datasheet
811Kb / 11P
Broadband Linear Gain Block 0.05 to 3.8 GHz
GRF2012 GUERRILLA-GRF2012 Datasheet
747Kb / 11P
Broadband Linear Gain Block 0.05 to 6.0 GHz
GRF2012-W GUERRILLA-GRF2012-W Datasheet
849Kb / 14P
Broadband Linear Gain Block
GRF2012W GUERRILLA-GRF2012W Datasheet
1Mb / 17P
BROADBAND LINEAR GAIN BLOCK 0.05 to 6 GHz
April 17, 2023
GRF2013 GUERRILLA-GRF2013 Datasheet
758Kb / 11P
Broadband Linear Gain Block 0.05 to 8.0 GHz
More results


Similar Description - GRF2010

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF2004 GUERRILLA-GRF2004 Datasheet
711Kb / 11P
Broadband Gain Block 0.1 to 10.0 GHz
GRF2011 GUERRILLA-GRF2011 Datasheet
811Kb / 11P
Broadband Linear Gain Block 0.05 to 3.8 GHz
GRF2012 GUERRILLA-GRF2012 Datasheet
747Kb / 11P
Broadband Linear Gain Block 0.05 to 6.0 GHz
GRF2012-W GUERRILLA-GRF2012-W Datasheet
849Kb / 14P
Broadband Linear Gain Block
GRF2013 GUERRILLA-GRF2013 Datasheet
758Kb / 11P
Broadband Linear Gain Block 0.05 to 8.0 GHz
GRF2013-W GUERRILLA-GRF2013-W Datasheet
846Kb / 14P
Broadband Linear Gain Block 0.05 to 8.0 GHz
GRF2012W GUERRILLA-GRF2012W Datasheet
1Mb / 17P
BROADBAND LINEAR GAIN BLOCK 0.05 to 6 GHz
April 17, 2023
GRF2013W GUERRILLA-GRF2013W Datasheet
862Kb / 15P
Broadband Linear Gain Block 0.05 to 8.0 GHz
11/17/21
GRF2014 GUERRILLA-GRF2014 Datasheet
925Kb / 12P
Broadband Linear Gain Block 0.05 to 3.8 GHz
05/31/19
GRF3044 GUERRILLA-GRF3044 Datasheet
736Kb / 13P
Broadband Gain Block 10 MHz to 12.0 GHz
09/22/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com