Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRF2014 Datasheet (PDF) - Guerrilla RF, Inc.

GRF2014 Datasheet PDF - Guerrilla RF, Inc.
Part # GRF2014
Download  GRF2014 Download
File Size   925.31 Kbytes
Page   12 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description Broadband Linear Gain Block 0.05 to 3.8 GHz

GRF2014 Datasheet (PDF)

Go To PDF Page Download Datasheet
GRF2014 Datasheet PDF - Guerrilla RF, Inc.

Part # GRF2014
Download  GRF2014 Click to download

File Size   925.31 Kbytes
Page   12 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description Broadband Linear Gain Block 0.05 to 3.8 GHz

GRF2014 Datasheet (HTML) - Guerrilla RF, Inc.


GRF2014 Product details

Features
Reference: 5.0V/150mA/900 MHz
• Gain: 15.9 dB
• OIP3: 43.5 dBm;
• OP1dB: 24.0 dBm
Reference: 8.0V/150mA/900 MHz
• Gain: 15.9 dB
• OIP3: 41.0 dBm;
• OP1dB: 27.5 dBm
• Flexible Bias Voltage and Current
• Internally Matched to 50 Ω
• Process: GaAs pHEMT

Applications
• Linear Driver Amplifier
• Small Cells and Cellular Repeaters
• Distributed Antenna Systems
• IF Amplifier
• General Purpose Linear Gain Block




Similar Part No. - GRF2014

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF2010 GUERRILLA-GRF2010 Datasheet
1Mb / 21P
BROADBAND LINEAR GAIN BLOCK 0.05 to 5 GHz
February 14, 2023
GRF2011 GUERRILLA-GRF2011 Datasheet
811Kb / 11P
Broadband Linear Gain Block 0.05 to 3.8 GHz
GRF2012 GUERRILLA-GRF2012 Datasheet
747Kb / 11P
Broadband Linear Gain Block 0.05 to 6.0 GHz
GRF2012-W GUERRILLA-GRF2012-W Datasheet
849Kb / 14P
Broadband Linear Gain Block
GRF2012W GUERRILLA-GRF2012W Datasheet
1Mb / 17P
BROADBAND LINEAR GAIN BLOCK 0.05 to 6 GHz
April 17, 2023
More results


Similar Description - GRF2014

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF2004 GUERRILLA-GRF2004 Datasheet
711Kb / 11P
Broadband Gain Block 0.1 to 10.0 GHz
GRF2011 GUERRILLA-GRF2011 Datasheet
811Kb / 11P
Broadband Linear Gain Block 0.05 to 3.8 GHz
GRF2012 GUERRILLA-GRF2012 Datasheet
747Kb / 11P
Broadband Linear Gain Block 0.05 to 6.0 GHz
GRF2012-W GUERRILLA-GRF2012-W Datasheet
849Kb / 14P
Broadband Linear Gain Block
GRF2013 GUERRILLA-GRF2013 Datasheet
758Kb / 11P
Broadband Linear Gain Block 0.05 to 8.0 GHz
GRF2013-W GUERRILLA-GRF2013-W Datasheet
846Kb / 14P
Broadband Linear Gain Block 0.05 to 8.0 GHz
GRF2010 GUERRILLA-GRF2010 Datasheet
1Mb / 21P
BROADBAND LINEAR GAIN BLOCK 0.05 to 5 GHz
February 14, 2023
GRF2012W GUERRILLA-GRF2012W Datasheet
1Mb / 17P
BROADBAND LINEAR GAIN BLOCK 0.05 to 6 GHz
April 17, 2023
GRF2013W GUERRILLA-GRF2013W Datasheet
862Kb / 15P
Broadband Linear Gain Block 0.05 to 8.0 GHz
11/17/21
GRF4003 GUERRILLA-GRF4003 Datasheet
990Kb / 15P
Broadband LNA/Linear Driver 0.1—3.8 GHz
10/01/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com