Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRF2114 Datasheet (PDF) - Guerrilla RF, Inc.

GRF2114 Datasheet PDF - Guerrilla RF, Inc.
Part # GRF2114
Download  GRF2114 Download
File Size   964.37 Kbytes
Page   13 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description Broadband LNA/Linear Driver Tuning Range: 0.1 – 2.7 GHz

GRF2114 Datasheet (PDF)

Go To PDF Page Download Datasheet
GRF2114 Datasheet PDF - Guerrilla RF, Inc.

Part # GRF2114
Download  GRF2114 Click to download

File Size   964.37 Kbytes
Page   13 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description Broadband LNA/Linear Driver Tuning Range: 0.1 – 2.7 GHz

GRF2114 Datasheet (HTML) - Guerrilla RF, Inc.


GRF2114 Product details

Features
Reference: 5V/135mA/830 MHz
• Gain: 17.9 dB
• Eval Board NF: 0.93 dB
• IP1dB: 7.4 dBm
• OP1dB: 24.3 dBm
• IIP3: 22.3 dBm
• OIP3: 40.2 dBm
• Flexible Bias Voltage and Current
• Process: GaAs pHEMT

Applications
• Small Cells and Cellular Repeaters
• Cellular Infrastructure
• ISM
• VHF/UHF




Similar Part No. - GRF2114

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF2110 GUERRILLA-GRF2110 Datasheet
1Mb / 19P
LNA / Linear Driver 5 to 8 GHz
February 14, 2023
More results


Similar Description - GRF2114

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF4002 GUERRILLA-GRF4002 Datasheet
976Kb / 15P
Broadband LNA/Linear Driver 0.1??.8 GHz
GRF4014-W GUERRILLA-GRF4014-W Datasheet
1Mb / 18P
Broadband LNA/Linear Driver Tuning Range: 0.1 to 6.0 GHz
GRF2133 GUERRILLA-GRF2133 Datasheet
1,004Kb / 15P
Ultra-High Gain LNA Tuning Range: 0.1 to 2.7 GHz
05/28/21
GRF2133W GUERRILLA-GRF2133W Datasheet
1,010Kb / 15P
Ultra-High Gain LNA Tuning Range: 0.1 to 2.7 GHz
1/26/23
GRF4001 GUERRILLA-GRF4001 Datasheet
987Kb / 13P
Broadband LNA/Linear Driver 0.1—6.0 GHz
10/01/19
GRF4003 GUERRILLA-GRF4003 Datasheet
990Kb / 15P
Broadband LNA/Linear Driver 0.1—3.8 GHz
10/01/19
GRF4004 GUERRILLA-GRF4004 Datasheet
894Kb / 13P
Broadband LNA/Linear Driver Tuning Range: 0.1—3.8 GHz
10/01/19
GRF4005 GUERRILLA-GRF4005 Datasheet
937Kb / 13P
Broadband LNA/Linear Driver Tuning Range: 0.1—3.8 GHz
10/01/19
GRF4014 GUERRILLA-GRF4014 Datasheet
1Mb / 17P
Broadband LNA/Linear Driver Tuning Range: 0.1 to 6.0 GHz
2/16/23
GRF4014W GUERRILLA-GRF4014W Datasheet
1Mb / 18P
Broadband LNA/Linear Driver Tuning Range: 0.1 to 6.0 GHz
2/16/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com