Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRF2133 Datasheet (PDF) - Guerrilla RF, Inc.

GRF2133 Datasheet PDF - Guerrilla RF, Inc.
Part # GRF2133
Download  GRF2133 Download
File Size   1004.88 Kbytes
Page   15 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description Ultra-High Gain LNA Tuning Range: 0.1 to 2.7 GHz

GRF2133 Datasheet (PDF)

Go To PDF Page Download Datasheet
GRF2133 Datasheet PDF - Guerrilla RF, Inc.

Part # GRF2133
Download  GRF2133 Click to download

File Size   1004.88 Kbytes
Page   15 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description Ultra-High Gain LNA Tuning Range: 0.1 to 2.7 GHz

GRF2133 Datasheet (HTML) - Guerrilla RF, Inc.


GRF2133 Product details

Features
Reference: 5.0V/60mA/700 MHz
• Gain: 40.0 dB
• OP1dB: 20.0 dBm
• OIP3: 31.0 dBm
• NF: 0.70 dB
Reference: 5.0V/60mA/1950 MHz
• Gain: 28.0 dB
• OP1dB: 20.0 dBm
• OIP3: 31.0 dBm
• NF: 0.60 dB
Reference: 5.0V/60mA/2500 MHz
• Gain: 23.5 dB
• OP1dB: 20.0 dBm
• OIP3: 30.0 dBm
• NF: 0.75dB
• Internally Matched
• Unconditionally Stable
• Flexible Biasing
• Process: GaAs pHEMT

Applications
• High Gain LNA
• Cellular Boosters / Repeaters
• Linear Driver Amplifier




Similar Part No. - GRF2133

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF2133W GUERRILLA-GRF2133W Datasheet
1,010Kb / 15P
Ultra-High Gain LNA Tuning Range: 0.1 to 2.7 GHz
1/26/23
More results


Similar Description - GRF2133

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF2080 GUERRILLA-GRF2080 Datasheet
834Kb / 11P
Ultra-LNA with Shutdown Tuning Range: 0.1 to 1.5 GHz
GRF2081 GUERRILLA-GRF2081 Datasheet
1Mb / 11P
Ultra-LNA with Shutdown Tuning Range: 0.7 ??2.7 GHz
GRF2101 GUERRILLA-GRF2101 Datasheet
858Kb / 12P
High Gain, Ultra-LNA Tuning Range: 4.0 to 10.0 GHz
GRF2106 GUERRILLA-GRF2106 Datasheet
828Kb / 13P
High Gain, Low Current LNA Tuning Range: 0.1 to 4.2 GHz
GRF2130 GUERRILLA-GRF2130 Datasheet
725Kb / 10P
Ultra-High Gain LNA Tuning Range: 0.7 to 3.8 GHz
GRF2171 GUERRILLA-GRF2171 Datasheet
725Kb / 11P
High Gain Ultra LNA Tuning Range: 2.5 to 5.0 GHz
GRF2114 GUERRILLA-GRF2114 Datasheet
964Kb / 13P
Broadband LNA/Linear Driver Tuning Range: 0.1 – 2.7 GHz
04/13/20
GRF2133W GUERRILLA-GRF2133W Datasheet
1,010Kb / 15P
Ultra-High Gain LNA Tuning Range: 0.1 to 2.7 GHz
1/26/23
GRF4014 GUERRILLA-GRF4014 Datasheet
1Mb / 17P
Broadband LNA/Linear Driver Tuning Range: 0.1 to 6.0 GHz
2/16/23
GRF5115 GUERRILLA-GRF5115 Datasheet
1Mb / 15P
33.0 dBm Power-LNA™ Tuning Range: 0.1 – 2.7 GHz
09/01/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com