Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRF5115 Datasheet (PDF) - Guerrilla RF, Inc.

GRF5115 Datasheet PDF - Guerrilla RF, Inc.
Part # GRF5115
Download  GRF5115 Download
File Size   1098.2 Kbytes
Page   15 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description 33.0 dBm Power-LNA™ Tuning Range: 0.1 – 2.7 GHz

GRF5115 Datasheet (PDF)

Go To PDF Page Download Datasheet
GRF5115 Datasheet PDF - Guerrilla RF, Inc.

Part # GRF5115
Download  GRF5115 Click to download

File Size   1098.2 Kbytes
Page   15 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description 33.0 dBm Power-LNA™ Tuning Range: 0.1 – 2.7 GHz

GRF5115 Datasheet (HTML) - Guerrilla RF, Inc.


GRF5115 Product details

Features
Reference: 5V/300mA/1.95GHz
• Gain: 14.8 dB
• OP1dB: 33.2 dBm
• Drain Efficiency: 58%
• OIP3: 43.0 dBm
• Eval Board NF: 1.3 dB
• Flexible Bias Voltage and Current
• Process: GaAs pHEMT

Applications
• High Efficiency Power Amplifier
• Multi-stage LNA
• Linear Driver




Similar Part No. - GRF5115

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF5110 GUERRILLA-GRF5110 Datasheet
1Mb / 14P
28.8 dBm Power-LNA??Tuning Range: 1.5 ??3.8 GHz
GRF5112 GUERRILLA-GRF5112 Datasheet
1Mb / 16P
HIGH LINEARITY POWER AMPLIFIER 100 to 2700 MHz
March 1, 2022
More results


Similar Description - GRF5115

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF2081 GUERRILLA-GRF2081 Datasheet
1Mb / 11P
Ultra-LNA with Shutdown Tuning Range: 0.7 ??2.7 GHz
GRF5020 GUERRILLA-GRF5020 Datasheet
1Mb / 17P
30.5 dBm Power-LNA??Tuning Range: 0.1 ??3.8 GHz
GRF5109 GUERRILLA-GRF5109 Datasheet
1Mb / 14P
28.3 dBm Power-LNA??Tuning Range: 0.1 ??1.5 GHz
GRF5110 GUERRILLA-GRF5110 Datasheet
1Mb / 14P
28.8 dBm Power-LNA??Tuning Range: 1.5 ??3.8 GHz
GRF2114 GUERRILLA-GRF2114 Datasheet
964Kb / 13P
Broadband LNA/Linear Driver Tuning Range: 0.1 – 2.7 GHz
04/13/20
GRF2133 GUERRILLA-GRF2133 Datasheet
1,004Kb / 15P
Ultra-High Gain LNA Tuning Range: 0.1 to 2.7 GHz
05/28/21
GRF2133W GUERRILLA-GRF2133W Datasheet
1,010Kb / 15P
Ultra-High Gain LNA Tuning Range: 0.1 to 2.7 GHz
1/26/23
GRF4005 GUERRILLA-GRF4005 Datasheet
937Kb / 13P
Broadband LNA/Linear Driver Tuning Range: 0.1—3.8 GHz
10/01/19
GRF5010 GUERRILLA-GRF5010 Datasheet
1Mb / 18P
28.5 dBm Power-LNA™ Tuning Range: 0.05 – 6.0 GHz
10/01/19
GRF5040 GUERRILLA-GRF5040 Datasheet
1,009Kb / 15P
31.0 dBm Power-LNA™ Tuning Range: 0.1 – 3.8 GHz
10/01/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com