Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRF5112 Datasheet (PDF) - Guerrilla RF, Inc.

GRF5112 Datasheet PDF - Guerrilla RF, Inc.
Part # GRF5112
Download  GRF5112 Download
File Size   1278.21 Kbytes
Page   16 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description HIGH LINEARITY POWER AMPLIFIER 100 to 2700 MHz

GRF5112 Datasheet (PDF)

Go To PDF Page Download Datasheet
GRF5112 Datasheet PDF - Guerrilla RF, Inc.

Part # GRF5112
Download  GRF5112 Click to download

File Size   1278.21 Kbytes
Page   16 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description HIGH LINEARITY POWER AMPLIFIER 100 to 2700 MHz

GRF5112 Datasheet (HTML) - Guerrilla RF, Inc.


GRF5112 Product details

FEATURES
Excellent OIP3 and ACLR Performance
Native Linearity Provides up to +21 dBm POUT with
> 45 dBc ACLR – Without the Need for Digital
Predistortion Correction
+21 dBm Linear Output Power Maintained at 105 °C
Flexible Biasing Provides Latitude for Linearity
Optimization
230 mA Native Mode Quiescent Current Consumption
5 V Supply Voltage
50 Ω Single-ended Input and Output Impedances
Rugged Design is Extremely Resilient to Mismatched
Loads
-40 to 105 °C Operating Temperature Range
Compact 3 x 3 mm QFN-16 Package
Reference: 5 V / 1805 MHz / 230 mA IDDQ
Gain: 17.5 dB
OIP3: 41 dBm @ 18 dBm POUT/tone
OP1dB: 32 dBm
Evaluation Board Noise Figure: 1.55 dB

APPLICATIONS
Cellular Boosters
Automotive Compensators
Picocells/Femtocells
Customer Premise Equipment




Similar Part No. - GRF5112

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF5110 GUERRILLA-GRF5110 Datasheet
1Mb / 14P
28.8 dBm Power-LNA??Tuning Range: 1.5 ??3.8 GHz
GRF5115 GUERRILLA-GRF5115 Datasheet
1Mb / 15P
33.0 dBm Power-LNA™ Tuning Range: 0.1 – 2.7 GHz
09/01/21
More results


Similar Description - GRF5112

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM2527-50 STEALTH_MICROWAVE-SM2527-50 Datasheet
145Kb / 2P
2500-2700 MHz 100 Watt Linear Power Amplifier
SM2527-50L STEALTH_MICROWAVE-SM2527-50L Datasheet
113Kb / 2P
2500-2700 MHz 100 Watt Linear Power Amplifier
logo
NXP Semiconductors
BGA7124 NXP-BGA7124 Datasheet
337Kb / 10P
400 MHz to 2700 MHz 1/4 W high linearity Si amplifier
Rev. 00.07-16 July 2009
BGA7124 NXP-BGA7124_10 Datasheet
401Kb / 33P
400 MHz to 2700 MHz 0.25 W high linearity silicon amplifier
Rev. 01-21 April 2010
BGA7027 NXP-BGA7027 Datasheet
570Kb / 19P
400 MHz to 2700 MHz 0.5 W high linearity silicon amplifier
Rev. 1-11 August 2010
BGA7127 NXP-BGA7127 Datasheet
302Kb / 24P
400 MHz to 2700 MHz 0.5 W high linearity silicon amplifier
Rev. 01-26 July 2010
logo
Skyworks Solutions Inc.
SKY73025 SKYWORKS-SKY73025 Datasheet
378Kb / 15P
2300 ??2700 MHz High Gain and Linearity
logo
Guerrilla RF, Inc.
GRF5606 GUERRILLA-GRF5606 Datasheet
1Mb / 18P
HIGH LINEARITY POWER AMPLIFIER 663 to 716 MHz
March 8, 2022
GRF5609 GUERRILLA-GRF5609 Datasheet
1Mb / 17P
HIGH LINEARITY POWER AMPLIFIER 814 to 862 MHz
March 8, 2022
GRF5611 GUERRILLA-GRF5611 Datasheet
1Mb / 18P
HIGH LINEARITY POWER AMPLIFIER 902 to 960 MHz
January 10, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com