Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRF5010 Datasheet (PDF) - Guerrilla RF, Inc.

GRF5010 Datasheet PDF - Guerrilla RF, Inc.
Part # GRF5010
Download  GRF5010 Download
File Size   1200.75 Kbytes
Page   18 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description 28.5 dBm Power-LNA™ Tuning Range: 0.05 – 6.0 GHz

GRF5010 Datasheet (PDF)

Go To PDF Page Download Datasheet
GRF5010 Datasheet PDF - Guerrilla RF, Inc.

Part # GRF5010
Download  GRF5010 Click to download

File Size   1200.75 Kbytes
Page   18 Pages
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.
Description 28.5 dBm Power-LNA™ Tuning Range: 0.05 – 6.0 GHz

GRF5010 Datasheet (HTML) - Guerrilla RF, Inc.


GRF5010 Product details

Features
Reference: 8V/95mA/2.5GHz
• Gain: 17.0 dB
• NF: 0.85 dB
• OP1dB: 28.5 dBm
• OIP3: 45.0 dBm
Reference: 5V/60mA/2.5GHz
• Gain: 17.0 dB
• NF: 0.82 dB
• OP1dB: 24.5 dBm
• OIP3: 38.5 dBm
• Flexible Bias Voltage and Current
• Process: GaAs pHEMT

Applications
• Multi-stage LNA
• Linear Driver Amplifier for High PAR Waveforms
• Distributed Antenna Systems
• Microwave Backhaul




Similar Part No. - GRF5010

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF5020 GUERRILLA-GRF5020 Datasheet
1Mb / 17P
30.5 dBm Power-LNA??Tuning Range: 0.1 ??3.8 GHz
GRF5040 GUERRILLA-GRF5040 Datasheet
1,009Kb / 15P
31.0 dBm Power-LNA™ Tuning Range: 0.1 – 3.8 GHz
10/01/19
More results


Similar Description - GRF5010

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF2083 GUERRILLA-GRF2083 Datasheet
800Kb / 10P
Ultra-LNA with Shutdown Tuning Range: 2.0 to 6.0 GHz
GRF2581 GUERRILLA-GRF2581 Datasheet
930Kb / 13P
LNA T/R Switch Tuning Range: 2.4 to 6.0 GHz
GRF4014-W GUERRILLA-GRF4014-W Datasheet
1Mb / 18P
Broadband LNA/Linear Driver Tuning Range: 0.1 to 6.0 GHz
GRF5020 GUERRILLA-GRF5020 Datasheet
1Mb / 17P
30.5 dBm Power-LNA??Tuning Range: 0.1 ??3.8 GHz
GRF5109 GUERRILLA-GRF5109 Datasheet
1Mb / 14P
28.3 dBm Power-LNA??Tuning Range: 0.1 ??1.5 GHz
GRF5110 GUERRILLA-GRF5110 Datasheet
1Mb / 14P
28.8 dBm Power-LNA??Tuning Range: 1.5 ??3.8 GHz
GRF5511 GUERRILLA-GRF5511 Datasheet
1Mb / 18P
High Frequency Power-LNA??Tuning Range: 0.7 ??6.0 GHz
GRF4014W GUERRILLA-GRF4014W Datasheet
1Mb / 18P
Broadband LNA/Linear Driver Tuning Range: 0.1 to 6.0 GHz
2/16/23
GRF5040 GUERRILLA-GRF5040 Datasheet
1,009Kb / 15P
31.0 dBm Power-LNA™ Tuning Range: 0.1 – 3.8 GHz
10/01/19
GRF5115 GUERRILLA-GRF5115 Datasheet
1Mb / 15P
33.0 dBm Power-LNA™ Tuning Range: 0.1 – 2.7 GHz
09/01/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com