Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS9110T Datasheet (PDF) - Nexperia B.V. All rights reserved

PBSS9110T Datasheet PDF - Nexperia B.V. All rights reserved
Part # PBSS9110T
Download  PBSS9110T Download
File Size   1322.34 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 100 V, 1 A PNP low VCEsat transistor

PBSS9110T Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS9110T Datasheet PDF - Nexperia B.V. All rights reserved

Part # PBSS9110T
Download  PBSS9110T Click to download

File Size   1322.34 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 100 V, 1 A PNP low VCEsat transistor

PBSS9110T Datasheet (HTML) - Nexperia B.V. All rights reserved


PBSS9110T Product details

1. General description
PNP low VCEsat transistor in a SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic
package.
NPN complement: PBSS8110T

2. Features and benefits
• Low collector-emitter saturation voltage VCEsat and corresponding low RCEsat
• High collector current capability
• High collector current gain
• Improved efficiency due to reduced heat generation

3. Applications
• Major application segments
• Automotive 42 V power
• Telecom infrastructure
• Industrial
• DC/DC converters
• Peripheral drivers
• Driver in low supply voltage applications (e.g. lamps and LEDs)
• Inductive load driver (e.g. relays, buzzers and motors)




Similar Part No. - PBSS9110T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS9110T PHILIPS-PBSS9110T Datasheet
107Kb / 12P
100 V, 1 A PNP low VCEsat (BISS) transistor
2004 May 13
PBSS9110T PHILIPS-PBSS9110T Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PBSS9110T NXP-PBSS9110T Datasheet
187Kb / 12P
100 V, 1 A PNP low VCEsat (BISS) transistor
2004 May 13
logo
Nexperia B.V. All right...
PBSS9110T-Q NEXPERIA-PBSS9110T-Q Datasheet
243Kb / 12P
100 V, 1 A PNP low VCEsat transistor
19 May 2022
logo
NXP Semiconductors
PBSS9110T PHILIPS-PBSS9110T_15 Datasheet
187Kb / 12P
100 V, 1 A PNP low VCEsat (BISS) transistor
2004 May 13
More results


Similar Description - PBSS9110T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS9110Y PHILIPS-PBSS9110Y Datasheet
100Kb / 13P
100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 01-9 June 2004
PBSS9110X PHILIPS-PBSS9110X Datasheet
134Kb / 15P
100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 01-2 May 2005
PBSS9110X NXP-PBSS9110X Datasheet
208Kb / 15P
100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02-22 November 2009
PBSS9110D PHILIPS-PBSS9110D_15 Datasheet
189Kb / 13P
100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 03-22 November 2009
PBSS9110X PHILIPS-PBSS9110X_15 Datasheet
208Kb / 15P
100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02-22 November 2009
PBSS9110Z PHILIPS-PBSS9110Z_15 Datasheet
206Kb / 14P
100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 03-11 December 2009
logo
Nexperia B.V. All right...
PBSS9110T-Q NEXPERIA-PBSS9110T-Q Datasheet
243Kb / 12P
100 V, 1 A PNP low VCEsat transistor
19 May 2022
PBSS9110X NEXPERIA-PBSS9110X Datasheet
321Kb / 16P
100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02 - 22 November 2009
PBSS9110Y NEXPERIA-PBSS9110Y Datasheet
290Kb / 14P
100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02 - 22 November 2009
PBSS9110Z NEXPERIA-PBSS9110Z Datasheet
320Kb / 15P
100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 03 - 11 December 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com