Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS9110T Datasheet (PDF) - NXP Semiconductors

PBSS9110T Datasheet PDF - NXP Semiconductors
Part # PBSS9110T
Download  PBSS9110T Download
File Size   187.44 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 100 V, 1 A PNP low VCEsat (BISS) transistor

PBSS9110T Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS9110T Datasheet PDF - NXP Semiconductors

Part # PBSS9110T
Download  PBSS9110T Click to download

File Size   187.44 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 100 V, 1 A PNP low VCEsat (BISS) transistor

PBSS9110T Datasheet (HTML) - NXP Semiconductors


PBSS9110T Product details

DESCRIPTION
PNP low VCEsat transistor in a SOT23 plastic package.
NPN complement: PBSS8110T.

FEATURES
• SOT23 package
• Low collector-emitter saturation voltage VCEsat
• High collector current capability: IC and ICM
• Higher efficiency leading to less heat generation

APPLICATIONS
• Major application segments
   – Automotive 42 V power
   – Telecom infrastructure
   – Industrial
• DC-to-DC conversion
• Peripheral drivers
   – Driver in low supply voltage applications (e.g. lamps
      and LEDs).
   – Inductive load driver (e.g. relays,
      buzzers and motors).




Similar Part No. - PBSS9110T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS9110T PHILIPS-PBSS9110T Datasheet
107Kb / 12P
100 V, 1 A PNP low VCEsat (BISS) transistor
2004 May 13
PBSS9110T PHILIPS-PBSS9110T Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PBSS9110T NEXPERIA-PBSS9110T Datasheet
1Mb / 13P
100 V, 1 A PNP low VCEsat transistor
1 January 2023
PBSS9110T-Q NEXPERIA-PBSS9110T-Q Datasheet
243Kb / 12P
100 V, 1 A PNP low VCEsat transistor
19 May 2022
logo
NXP Semiconductors
PBSS9110T PHILIPS-PBSS9110T_15 Datasheet
187Kb / 12P
100 V, 1 A PNP low VCEsat (BISS) transistor
2004 May 13
More results


Similar Description - PBSS9110T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS9110T PHILIPS-PBSS9110T Datasheet
107Kb / 12P
100 V, 1 A PNP low VCEsat (BISS) transistor
2004 May 13
PBSS9110Y PHILIPS-PBSS9110Y Datasheet
100Kb / 13P
100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 01-9 June 2004
PBSS9110X PHILIPS-PBSS9110X Datasheet
134Kb / 15P
100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 01-2 May 2005
PBSS9110Y NXP-PBSS9110Y Datasheet
176Kb / 13P
100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02-22 November 2009
PBSS9110D PHILIPS-PBSS9110D_15 Datasheet
189Kb / 13P
100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 03-22 November 2009
PBSS9110T PHILIPS-PBSS9110T_15 Datasheet
187Kb / 12P
100 V, 1 A PNP low VCEsat (BISS) transistor
2004 May 13
PBSS9110Y PHILIPS-PBSS9110Y_15 Datasheet
176Kb / 13P
100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02-22 November 2009
PBSS9110Z PHILIPS-PBSS9110Z_15 Datasheet
206Kb / 14P
100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 03-11 December 2009
logo
Nexperia B.V. All right...
PBSS9110X NEXPERIA-PBSS9110X Datasheet
321Kb / 16P
100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02 - 22 November 2009
PBSS9110Y NEXPERIA-PBSS9110Y Datasheet
290Kb / 14P
100 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02 - 22 November 2009
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com