| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PEMB9
|
54Kb / 8P |
PNP/PNP resistor-equipped transistors; R1 = 10 kW, R2 = 47 kW
2003 Oct 03 |
|
PDTA113Z
|
121Kb / 18P |
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 10 kW
Rev. 04-2 September 2009 |
|
PDTA123Y
|
123Kb / 18P |
PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 10 kW
Rev. 04-3 September 2009 |
|
PDTA144V
|
122Kb / 18P |
PNP resistor-equipped transistors; R1 = 47 kW, R2 = 10 kW
Rev. 04-3 September 2009 |
|
PEMB20
|
71Kb / 11P |
PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 03-1 September 2009 |
|
PEMB20_PUMB20
|
71Kb / 11P |
PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 03-1 September 2009 |
|
PEMD20_PUMD20
|
65Kb / 10P |
NPN/PNP resistor-equipped transistors R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01-2 May 2005 |
 Nexperia B.V. All right... |
PEMB20
|
71Kb / 11P |
PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 03 - 1 September 2009 |
|
PDTA123T_SER
|
198Kb / 11P |
PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02 - 3 September 2009 |
|
PEMD20
|
64Kb / 10P |
NPN/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01 - 2 May 2005 |