Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL71934M Datasheet (PDF) - Renesas Technology Corp

ISL71934M Datasheet PDF - Renesas Technology Corp
Part # ISL71934M
Download  ISL71934M Download
File Size   2399.09 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Tolerant SP2T RF Switch, 50MHz to 6000MHz

ISL71934M Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL71934M Datasheet PDF - Renesas Technology Corp

Part # ISL71934M
Download  ISL71934M Click to download

File Size   2399.09 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Tolerant SP2T RF Switch, 50MHz to 6000MHz

ISL71934M Datasheet (HTML) - Renesas Technology Corp


ISL71934M Product details

Features
▪ High isolation:
• 70dB at 1GHz
• 67dB at 2GHz
• 65dB at 3GHz
• 65dB at 4GHz
▪ High linearity:
• IIP2 of 111dBm
• IIP3 of 64dBm at 2GHz
▪ Wide single 2.75V to 5.25V supply voltage range
▪ 3.3V and 1.8V compatible control logic
▪ Operating temperature: -55°C to +125°C
▪ 3x3mm 16-TQFN package
▪ Ni/Pd/Au lead finish (Tin (Sn)-free)
▪ Characterized radiation levels
• Low Dose Rate (LDR) (0.01rad(Si)/s): 30krad(Si)
• Single event burnout LET 43MeV•cm2/mg
▪ Manufactured using SOI wafer fab process




Similar Part No. - ISL71934M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71934M RENESAS-ISL71934M Datasheet
1Mb / 18P
Radiation Tolerant SP2T RF Switch, 50MHz to 10GHz
May 19, 2025
ISL71934MRTZ RENESAS-ISL71934MRTZ Datasheet
1Mb / 18P
Radiation Tolerant SP2T RF Switch, 50MHz to 10GHz
May 19, 2025
ISL71934MRTZ-T RENESAS-ISL71934MRTZ-T Datasheet
1Mb / 18P
Radiation Tolerant SP2T RF Switch, 50MHz to 10GHz
May 19, 2025
ISL71934M RENESAS-ISL71934M_V01 Datasheet
1Mb / 18P
Radiation Tolerant SP2T RF Switch, 50MHz to 10GHz
May 19, 2025
More results


Similar Description - ISL71934M

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2033 RFMD-RFSA2033 Datasheet
1Mb / 22P
Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz
RFSA3714 RFMD-RFSA3714 Datasheet
2Mb / 20P
50MHz to 6000MHz, Digital Step Attenuator
logo
Mini-Circuits
HSWA2-63DR MINI-HSWA2-63DR Datasheet
312Kb / 5P
SP2T RF Switch
logo
Renesas Technology Corp
F2251 RENESAS-F2251 Datasheet
2Mb / 23P
Voltage Variable RF Attenuator 50MHz to 6000MHz
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
logo
Qorvo, Inc
SBB5089Z QORVO-SBB5089Z Datasheet
1Mb / 11P
50MHz-6000MHz, Cascadable Amplifier
logo
STMicroelectronics
SBB3089Z STMICROELECTRONICS-SBB3089Z Datasheet
860Kb / 9P
50MHz to 6000MHz Gain Block
08-Jun-2021
logo
Renesas Technology Corp
F2912 RENESAS-F2912_V01 Datasheet
2Mb / 25P
High Reliability SP2T RF Switch
Sep 20, 2021
F2934 RENESAS-F2934_V01 Datasheet
1Mb / 21P
High Reliability SP2T RF Switch 50MHz to 6000MHz
Apr 28, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com