Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL71934M Datasheet (PDF) - Renesas Technology Corp

ISL71934M Datasheet PDF - Renesas Technology Corp
Part # ISL71934M
Download  ISL71934M Download
File Size   1659.74 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Tolerant SP2T RF Switch, 50MHz to 10GHz

ISL71934M Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL71934M Datasheet PDF - Renesas Technology Corp

Part # ISL71934M
Download  ISL71934M Click to download

File Size   1659.74 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Tolerant SP2T RF Switch, 50MHz to 10GHz

ISL71934M Datasheet (HTML) - Renesas Technology Corp


ISL71934M Product details

Features
▪ Qualified to Renesas Rad Tolerant Screening and
QCI Flow (R34TB0004EU)
▪ High isolation:
• 71dB at 1GHz
• 60dB at 4GHz
▪ High linearity:
• IIP2 of 111dBm
• IIP3 of 64dBm at 1GHz
▪ Wide single 2.75V to 5.25V supply voltage range
▪ 3.3V and 1.8V compatible control logic
▪ Operating temperature: -55°C to +125°C
▪ 3x3mm 16-TQFN package
▪ Ni/Pd/Au lead finish (Tin (Sn)-free)
▪ TID Radiation Lot Acceptance Testing (RLAT)
(LDR: ≤10mrad(Si)/s): 30krad(Si)
▪ SEE Characterization
• No DSEE with VDD = 6.2V at 43MeV•cm2/mg
• SET <10ns with FRF = 10MHz at 43MeV•cm2/mg
▪ Manufactured using SOI wafer fab process




Similar Part No. - ISL71934M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71934M RENESAS-ISL71934M Datasheet
2Mb / 17P
Radiation Tolerant SP2T RF Switch, 50MHz to 6000MHz
Feb 24, 2021
ISL71934MRTZ RENESAS-ISL71934MRTZ Datasheet
2Mb / 17P
Radiation Tolerant SP2T RF Switch, 50MHz to 6000MHz
Feb 24, 2021
ISL71934MRTZ-T RENESAS-ISL71934MRTZ-T Datasheet
2Mb / 17P
Radiation Tolerant SP2T RF Switch, 50MHz to 6000MHz
Feb 24, 2021
More results


Similar Description - ISL71934M

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2972 IDT-F2972 Datasheet
3Mb / 24P
High Linearity Broadband SP2T 5MHz to 10GHz
F2976 IDT-F2976 Datasheet
3Mb / 24P
High Linearity Broadband SP2T 5MHz to 10GHz
logo
Mini-Circuits
HSWA2-63DR MINI-HSWA2-63DR Datasheet
312Kb / 5P
SP2T RF Switch
logo
Renesas Technology Corp
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
F2972 RENESAS-F2972 Datasheet
5Mb / 25P
High Linearity Broadband SP2T 5MHz to 10GHz
F2976 RENESAS-F2976 Datasheet
4Mb / 25P
High Linearity Broadband SP2T 5MHz to 10GHz
F2912 RENESAS-F2912_V01 Datasheet
2Mb / 25P
High Reliability SP2T RF Switch
Sep 20, 2021
F2934 RENESAS-F2934_V01 Datasheet
1Mb / 21P
High Reliability SP2T RF Switch 50MHz to 6000MHz
Apr 28, 2021
ISL71934M RENESAS-ISL71934M Datasheet
2Mb / 17P
Radiation Tolerant SP2T RF Switch, 50MHz to 6000MHz
Feb 24, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com