Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL72991RHEVAL2Z Datasheet (PDF) - Renesas Technology Corp

ISL72991RHEVAL2Z Datasheet PDF - Renesas Technology Corp
Part # ISL72991RHEVAL2Z
Download  ISL72991RHEVAL2Z Download
File Size   562.72 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Low Dropout Adjustable Negative Voltage Regulator

ISL72991RHEVAL2Z Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL72991RHEVAL2Z Datasheet PDF - Renesas Technology Corp

Part # ISL72991RHEVAL2Z
Download  ISL72991RHEVAL2Z Click to download

File Size   562.72 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Low Dropout Adjustable Negative Voltage Regulator

ISL72991RHEVAL2Z Datasheet (HTML) - Renesas Technology Corp


ISL72991RHEVAL2Z Product details

Features
• Electrically screened to DLA SMD # 5962-02503
• QML qualified per MIL-PRF-38535 requirements
• Latch-up immune DI process
• Wide input voltage range . . . . . . . . . . . . . . . . . . . . -3V to -30V
• Nominal output voltage range . . . . . . . . . . . . . -2.25V to -26V
• Line regulation. . . . . . . . . . . . . . . . . . . . . . . .±25mV (maximum)
• Load regulation . . . . . . . .±12mV (typical); ±15mV (maximum)
• Dropout voltage (100mA) . . . 0.2V (typical); 0.3V (maximum)
• Dropout voltage (1A) . . . . . . . . . . . . . . . . . . . . . 1V (maximum)
• Minimum load current. . . . . . . . . . . . . . . . . . . . . . . . . . . 3.0mA
• 5V-12V TTL input-level shutdown (SD); low or floating = on;
high = off
• Operating temperature range. . . . . . . . . . . .-55°C to +125°C
• Radiation acceptance testing
- HDR (50-300rad(Si)/s): . . . . . . . . . . . . . . . . . . . 300krad(Si)
• SEE hardness (see SEE report for details)
- SEL/SEB LETTH (VS = -30V) . . . . . . . . . . 86.4MeV•cm2/mg




Similar Part No. - ISL72991RHEVAL2Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL72991RHEVAL2Z RENESAS-ISL72991RHEVAL2Z Datasheet
576Kb / 16P
Radiation Hardened Low Dropout Adjustable Negative Voltage Regulator
Feb 7, 2024
ISL72991RHEVAL2Z RENESAS-ISL72991RHEVAL2Z Datasheet
576Kb / 16P
Radiation Hardened Low Dropout Adjustable Negative Voltage Regulator
Feb 7, 2024
More results


Similar Description - ISL72991RHEVAL2Z

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2991 NSC-LM2991 Datasheet
338Kb / 11P
Negative Low Dropout Adjustable Regulator
logo
Intersil Corporation
HS-117RH INTERSIL-HS-117RH Datasheet
31Kb / 2P
Radiation Hardened Adjustable Positive Voltage Regulator
2000 02
ISL72991RH INTERSIL-ISL72991RH Datasheet
210Kb / 3P
Radiation Hardened Negative Low Dropout Adjustable Voltage Regulator
June 2004
HS-117RH INTERSIL-HS-117RH_03 Datasheet
61Kb / 2P
Radiation Hardened Adjustable Positive Voltage Regulator
logo
National Semiconductor ...
LM2991 NSC-LM2991_00 Datasheet
349Kb / 12P
Negative Low Dropout Adjustable Regulator
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2991GW-QML TI-LM2991GW-QML Datasheet
391Kb / 15P
LM2991QML Negative Low Dropout Adjustable Regulator
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
Negative Low Dropout Adjustable Regulator
LM2991QML TI1-LM2991QML Datasheet
414Kb / 15P
Negative Low Dropout Adjustable Regulator
logo
Renesas Technology Corp
HS-117RH RENESAS-HS-117RH Datasheet
844Kb / 16P
Radiation Hardened Adjustable Positive Voltage Regulator
Mar 28, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com