Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73847SEHMF Datasheet (PDF) - Renesas Technology Corp

ISL73847SEHMF Datasheet PDF - Renesas Technology Corp
Part # ISL73847SEHMF
Download  ISL73847SEHMF Download
File Size   1899.12 Kbytes
Page   43 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Single/Dual Phase Current Mode PWM Controller

ISL73847SEHMF Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL73847SEHMF Datasheet PDF - Renesas Technology Corp

Part # ISL73847SEHMF
Download  ISL73847SEHMF Click to download

File Size   1899.12 Kbytes
Page   43 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Single/Dual Phase Current Mode PWM Controller

ISL73847SEHMF Datasheet (HTML) - Renesas Technology Corp


ISL73847SEHMF Product details

Features
▪ Wide operating voltage range:
• Input: 4.5V to 19V
• Output: 0.6V to
VPWR_STAGE×((TSW-120ns)/TSW)
▪ Programmable Output Switching Frequency
• 250kHz to 1.5MHz
▪ Optional Droop regulation
▪ Current mode control provides
• Excellent power supply rejection
• Simplified control scheme
▪ Output differential remote sensing
▪ Programmable soft-start
▪ Enable control
▪ Power-good Indicator
▪ Radiation acceptance testing
• LDR (0.01rad(Si)/s): 75krad(Si)
▪ SEE hardness (see SEE report for details)
• No SEB/SEL LETTH, VDD = 25V:
86MeV•cm2/mg
• SET/SEFI free at LET 86MeV•cm2/mg
▪ Qualified to Renesas Rad Hard Hermetic
Screening and QCI Flow (R34TB0001EU)
• All screening and QCI is in accordance with
MIL-PRF-38535L Class-V




Similar Part No. - ISL73847SEHMF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL73847SEHMF RENESAS-ISL73847SEHMF Datasheet
1Mb / 44P
Radiation Hardened Single/Dual Phase Current Mode PWM Controller
Jul 24, 2024
More results


Similar Description - ISL73847SEHMF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS-1845ASRH INTERSIL-IS-1845ASRH Datasheet
57Kb / 2P
Single Event Radiation Hardened High Speed, Current Mode PWM
October 2003
ISL78840ASRH INTERSIL-ISL78840ASRH Datasheet
653Kb / 11P
Radiation Hardened, High Performance IndustryStandard Single-Ended Current Mode PWM Controller
IS-1845ASRH INTERSIL-IS-1845ASRH_08 Datasheet
202Kb / 3P
Single Event Radiation Hardened High Speed, Current Mode PWM
September 25, 2008
IS-1845ASEH INTERSIL-IS-1845ASEH Datasheet
151Kb / 3P
Single Event Radiation Hardened High Speed, Current Mode PWM
July 13, 2012
ISL78840ASEH INTERSIL-ISL78840ASEH Datasheet
810Kb / 15P
Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller
May 29, 2012
logo
Texas Instruments
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI1-UC1845A-SP Datasheet
938Kb / 28P
QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI1-UC1843B-SP Datasheet
3Mb / 27P
QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
logo
Intersil Corporation
ISL78840ASXH INTERSIL-ISL78840ASXH Datasheet
890Kb / 18P
Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller
Feb 25, 2020 Rev.4.00
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com