Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL76161AVZ Datasheet (PDF) - Renesas Technology Corp

ISL76161AVZ Datasheet PDF - Renesas Technology Corp
Part # ISL76161AVZ
Download  ISL76161AVZ Download
File Size   917.37 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12-Bit, 3.3V, 130MSPS, High Speed D/A Converter

ISL76161AVZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL76161AVZ Datasheet PDF - Renesas Technology Corp

Part # ISL76161AVZ
Download  ISL76161AVZ Click to download

File Size   917.37 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12-Bit, 3.3V, 130MSPS, High Speed D/A Converter

ISL76161AVZ Datasheet (HTML) - Renesas Technology Corp


ISL76161AVZ Product details

Features
• High Speed. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 130MSPS
• Low Power . . . . . 103mW with 20mA Output at 130MSPS
• Adjustable Full Scale Output Current. . . . . 2mA to 20mA
• Excellent Spurious Free Dynamic Range
(73dBc to Nyquist, fS = 130MSPS, fOUT = 10MHz)
• Automotive Qualified Component
• Extended Temperature Operation: -40°C to +105°C
• +3.3V Power Supply
• 3V LVCMOS Compatible Inputs
• UMTS Adjacent Channel Power = 70dB at 19.2MHz
• EDGE/GSM SFDR = 90dBc at 11MHz in 20MHz Window
• Pb-Free (RoHS Compliant)
Applications
• Automotive Radar Systems
- 24GHz and 77GHz Radar for Adaptive Cruise Control
• Cellular Infrastructure - Single or Multi-Carrier: IS-136,
IS-95, GSM, EDGE, CDMA2000, WCDMA, TDS-CDMA
• Wireless Communication Systems
• High Resolution Imaging Systems
• Arbitrary Waveform Generators




Similar Part No. - ISL76161AVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL76161AVZ INTERSIL-ISL76161AVZ Datasheet
497Kb / 12P
12-Bit, 3.3V, 130MSPS, High Speed D/A Converter
September 9, 2008
ISL76161AVZ-T INTERSIL-ISL76161AVZ-T Datasheet
497Kb / 12P
12-Bit, 3.3V, 130MSPS, High Speed D/A Converter
September 9, 2008
ISL76161AVZ-TK INTERSIL-ISL76161AVZ-TK Datasheet
497Kb / 12P
12-Bit, 3.3V, 130MSPS, High Speed D/A Converter
September 9, 2008
More results


Similar Description - ISL76161AVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5857 INTERSIL-ISL5857 Datasheet
637Kb / 13P
12-bit, 3.3V, 260MSPS, High Speed D/A Converter
November 12, 2004
HI5860 INTERSIL-HI5860_05 Datasheet
621Kb / 10P
12-Bit, 130MSPS, High Speed D/A Converter
May 4, 2005
HI5860 INTERSIL-HI5860_08 Datasheet
477Kb / 12P
12-Bit, 130MSPS, High Speed D/A Converter
February 6, 2008
ISL76161 INTERSIL-ISL76161 Datasheet
497Kb / 12P
12-Bit, 3.3V, 130MSPS, High Speed D/A Converter
September 9, 2008
HI5860IA INTERSIL-HI5860IA Datasheet
683Kb / 12P
12-Bit, 130MSPS, High Speed D/A Converter
February 6, 2008
ISL5857IBZ INTERSIL-ISL5857IBZ Datasheet
752Kb / 14P
12-bit, 3.3V, 260MSPS, High Speed D/A Converter
October 7, 2015
logo
Renesas Technology Corp
HI5828 RENESAS-HI5828 Datasheet
552Kb / 12P
12-Bit, 130MSPS, Dual High Speed CMOS D/A (2.7V-5.5V)
HI5860 RENESAS-HI5860 Datasheet
586Kb / 12P
12-Bit, 130MSPS, High Speed D/A Converter
HI5960 RENESAS-HI5960 Datasheet
552Kb / 12P
14-Bit, 130MSPS, High Speed D/A Converter
ISL5857 RENESAS-ISL5857 Datasheet
1,020Kb / 14P
12-bit, 3.3V, 260MSPS, High Speed D/A Converter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com