Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL78263 Datasheet (PDF) - Renesas Technology Corp

ISL78263 Datasheet PDF - Renesas Technology Corp
Part # ISL78263
Download  ISL78263 Download
File Size   1877.23 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Automotive 42V Dual Synchronous Boost and Low-Iq Buck Controllers with Integrated Drivers

ISL78263 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL78263 Datasheet PDF - Renesas Technology Corp

Part # ISL78263
Download  ISL78263 Click to download

File Size   1877.23 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Automotive 42V Dual Synchronous Boost and Low-Iq Buck Controllers with Integrated Drivers

ISL78263 Datasheet (HTML) - Renesas Technology Corp


ISL78263 Product details

Features
• VIN operating range: 2.1 to 42V
• Low quiescent current: 6μA typical, buck channel
• Switching frequency: 200kHz to 2.2MHz
• Boost frequency at 1x or 0.2x the buck frequency
• Dropout mode (buck) for high duty-cycle operation
• 25ns on-times for low duty-cycle operation
• External synchronization
• Programmable spread spectrum clocking
• 2A Sourcing / 3A sinking MOSFET drivers
• Boot UV and programmable boot refresh time
• Extensive protection mechanisms for
OV/UV/OC/OT
Applications
• Automotive battery supplied application
• In cabin systems
• ADAS: Advanced Driver Assist Systems
• Start-stop protected systems (such as head unit,
cluster, e-Mirror)




Similar Part No. - ISL78263

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78263 RENESAS-ISL78263 Datasheet
1Mb / 33P
Automotive Dual Synchronous Buck Controller with Integrated Drivers
Oct 14, 2021
More results


Similar Description - ISL78263

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
logo
Texas Instruments
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
1Mb / 35P
LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
TPS43335-Q1 TI1-TPS43335-Q1 Datasheet
1Mb / 42P
LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43333-Q1 TI1-TPS43333-Q1 Datasheet
1Mb / 42P
LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43330A-Q1 TI1-TPS43330A-Q1 Datasheet
2Mb / 48P
Low IQ, Single-Boost Dual Synchronous Buck Controller
TPS43330-Q1 TI1-TPS43330-Q1_14 Datasheet
2Mb / 48P
Low IQ, Single Boost, Dual Synchronous Buck Controller
logo
Linear Technology
LT8603 LINER-LT8603 Datasheet
1Mb / 38P
42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
Low IQ, 38V Synchronous BoostBuck Controller
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
Low IQ, 60V Synchronous BoostBuck Controller
logo
Renesas Technology Corp
ISL78264 RENESAS-ISL78264 Datasheet
1Mb / 33P
Automotive Dual Synchronous Buck Controller with Integrated Drivers
Oct 14, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com