Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL80083 Datasheet (PDF) - Renesas Technology Corp

ISL80083 Datasheet PDF - Renesas Technology Corp
Part # ISL80083
Download  ISL80083 Download
File Size   1508.71 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5MHz Integrated Power Management IC with I2C Compatible Interface

ISL80083 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL80083 Datasheet PDF - Renesas Technology Corp

Part # ISL80083
Download  ISL80083 Click to download

File Size   1508.71 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5MHz Integrated Power Management IC with I2C Compatible Interface

ISL80083 Datasheet (HTML) - Renesas Technology Corp


ISL80083 Product details

Features
• 800mA synchronous step-down converter and 300mA,
general-purpose LDO
• 400kb/s I2C-bus series interface transfers the control data
between the host controller and the ISL80083
• Fixed SMPS output voltage I2C programmability
- At 25mV/step. . . . . . . . . . . . . . . . . . . . . . 0.625V to 2.225V
• LDO output voltage I2C programmability
- At 50mV/step. . . . . . . . . . . . . . . . . . . . . . . . . . . 0.9V to 3.6V
• 33MHz oscillator
• Level shift from 1.8V to 3V with enable
• Input select
• Switcher I2C programmable skip mode under light load or
forced fixed switching frequency PWM mode
Applications




Similar Part No. - ISL80083

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80083 INTERSIL-ISL80083 Datasheet
1Mb / 21P
2.5MHz Integrated Power Management IC with I2C Compatible Interface
May 15, 2013
More results


Similar Description - ISL80083

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Linear Technology
LTC4255 LINER-LTC4255 Datasheet
216Kb / 16P
Quad Network Power Controller with I2C Compatible Interface
logo
Integral Corp.
INF8577N INTEGRAL-INF8577N Datasheet
251Kb / 9P
LCD CONTROL IC WITH I2C INTERFACE
logo
Freescale Semiconductor...
13892 FREESCALE-13892 Datasheet
3Mb / 75P
Power Management and User Interface IC
logo
Maxim Integrated Produc...
MAXQ314 MAXIM-MAXQ314 Datasheet
1,020Kb / 16P
Single-Phase Power-Measurement IC with I2C Interface
Rev 0; 11/09
logo
Freescale Semiconductor...
13892 FREESCALE-13892_10 Datasheet
6Mb / 161P
Power Management and User Interface IC
logo
International Rectifier
IR3720 IRF-IR3720 Datasheet
321Kb / 20P
Power Monitor IC withDigital I2C Interface
logo
Freescale Semiconductor...
13892 FREESCALE-13892_11 Datasheet
5Mb / 156P
Power Management and User Interface IC
logo
Intersil Corporation
ISL80083 INTERSIL-ISL80083 Datasheet
1Mb / 21P
2.5MHz Integrated Power Management IC with I2C Compatible Interface
May 15, 2013
logo
Maxim Integrated Produc...
MAX31328 MAXIM-MAX31328 Datasheet
736Kb / 26P
±3.5ppm, I2C RTC with Integrated Crystal and Power Management
Rev 0; 2/21
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com