Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ314 Datasheet (PDF) - Maxim Integrated Products

MAXQ314 Datasheet PDF - Maxim Integrated Products
Part # MAXQ314
Download  MAXQ314 Download
File Size   1020.3 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single-Phase Power-Measurement IC with I2C Interface

MAXQ314 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAXQ314 Datasheet PDF - Maxim Integrated Products

Part # MAXQ314
Download  MAXQ314 Click to download

File Size   1020.3 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single-Phase Power-Measurement IC with I2C Interface

MAXQ314 Datasheet (HTML) - Maxim Integrated Products


MAXQ314 Product details

General Description

The MAXQ314 is a dedicated power-measurement IC that collects and calculates voltage, current, power, and power factor for a single-phase load. The results can be retrieved by an external master through the internal I2C bus. This bus is also used by the external master to configure the operation of the MAXQ314 and monitor the status of operations.

The MAXQ314 performs voltage and current measure ments using an integrated ADC that can measure voltage and current. Other values such as power are calculated from that data. The MAXQ314 also has an integrated temperature sensor that provides the die temperature on demand. The internal current amplifier produces up to 32x gain and the voltage amplifier gain is 1x.



Features

♦ High-Performance, Low-Power DSP Core

♦ On-Chip Digital Temperature Sensor

♦ Precision Internal Voltage Reference

♦ Active Power (W), < ±0.5% Error

♦ Reactive Power (VAR), < ±0.7% Error

♦ Apparent Power (VA), < ±0.7% Error

♦ Power Factor, < ±1% Error

♦ Voltage RMS, < ±0.2% Error

♦ Current RMS, < ±0.5% Error

♦ I2C-Compatible Serial Interface

♦ Continuous Output of IRMS in Serial or PWM



Applications

  Single-Phase AC Power Monitoring



 




Similar Part No. - MAXQ314

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3100 MAXIM-MAXQ3100 Datasheet
328Kb / 30P
Mixed-Signal Microcontroller with Analog Comparators, LCD, and RTC
Rev 0; 6/07
MAXQ3100-EMN+ MAXIM-MAXQ3100-EMN+ Datasheet
328Kb / 30P
Mixed-Signal Microcontroller with Analog Comparators, LCD, and RTC
Rev 0; 6/07
MAXQ3108 MAXIM-MAXQ3108 Datasheet
3Mb / 64P
Low-Power, Dual-Core Microcontroller
Rev 0; 1/09
MAXQ3108-FFN+ MAXIM-MAXQ3108-FFN+ Datasheet
3Mb / 64P
Low-Power, Dual-Core Microcontroller
Rev 0; 1/09
logo
Dallas Semiconductor
MAXQ3120 DALLAS-MAXQ3120 Datasheet
508Kb / 33P
High-Precision ADC Mixed-Signal Microcontroller
More results


Similar Description - MAXQ314

ManufacturerPart #DatasheetDescription
logo
Sames
SA9903B SAMES-SA9903B Datasheet
120Kb / 12P
Single Phase Power / Energy IC with SPI Interface
logo
Teridian Semiconductor ...
78M6612 TERIDIAN-78M6612 Datasheet
1Mb / 111P
Single-Phase, Dual-Outlet Power and Energy Measurement IC
78M6613 TERIDIAN-78M6613 Datasheet
963Kb / 33P
Single-Phase AC Power Measurement IC
logo
Maxim Integrated Produc...
78M6612 MAXIM-78M6612 Datasheet
1Mb / 46P
Single-Phase, Dual-Outlet Power and Energy Measurement IC
Rev 2; 1/12
78M6613 MAXIM-78M6613_12 Datasheet
908Kb / 33P
Single-Phase AC Power Measurement IC
Rev 2; 1/12
78M6631 MAXIM-78M6631 Datasheet
600Kb / 30P
3-Phase Power-Measurement IC
Rev 1; 1/12
78M6631_1204 MAXIM-78M6631_1204 Datasheet
475Kb / 30P
3-Phase Power-Measurement IC
Rev 2; 4/12
logo
Analog Devices
ADE7953 AD-ADE7953 Datasheet
804Kb / 68P
Single Phase, Multifunction Metering IC with Neutral Current Measurement
REV. A
logo
Silergy Corp.
78M6613 SILERGY-78M6613 Datasheet
813Kb / 33P
Single-Phase AC Power Measurement IC
78M6631 SILERGY-78M6631 Datasheet
567Kb / 30P
3-Phase Power-Measurement IC
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com