Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ314 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAXQ314
Description  Single-Phase Power-Measurement IC with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ314 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAXQ314 Datasheet HTML 2Page - Maxim Integrated Products MAXQ314 Datasheet HTML 3Page - Maxim Integrated Products MAXQ314 Datasheet HTML 4Page - Maxim Integrated Products MAXQ314 Datasheet HTML 5Page - Maxim Integrated Products MAXQ314 Datasheet HTML 6Page - Maxim Integrated Products MAXQ314 Datasheet HTML 7Page - Maxim Integrated Products MAXQ314 Datasheet HTML 8Page - Maxim Integrated Products MAXQ314 Datasheet HTML 9Page - Maxim Integrated Products MAXQ314 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Single-Phase Power-Measurement
IC with I2C Interface
6 ______________________________________________________________________________________
I2C BUS CONTROLLER TIMING
(VDVDD = 3.0V to 3.6V, TA = +25NC, unless otherwise noted. Typical values are at VDVDD = 3.3V, TA = +25NC.) (Note 1, Figure 2)
Note 1: Specifications guaranteed, but not production tested.
Note 2: All parameters tested at TA = +25NC. Specifications over temperature are guaranteed by design.
Note 3: A master device must provide a hold time of at least 300ns for the SDA signal (referred to VIL of the SCL signal) to bridge
the undefined region of SCL’s falling edge.
Note 4: ISINK P 6mA. tR_I2C and tF_I2C measured between 0.3 x VDVDD and 0.7 x VDVDD.
Note 5: CB = Total capacitance of one bus line in pF.
Note 6: Guaranteed by design. Input filters on the SDA and SCL pins suppress noise spikes less than 50ns.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Serial Clock Frequency
fSCL
400
kHz
Bus Free Time Between a STOP
and a START Condition
tBUF
1.3
F
s
Hold Time (Repeated) START
Condition
tHD:STA
0.6
F
s
Repeated START Condition
Setup Time
tSU:STA
0.6
F
s
STOP Condition Setup Time
tSU:STO
0.6
F
s
Data Hold Time
tHD:DAT
(Note 3)
0.9
F
s
Data Setup Time
tSU:DAT
120
ns
SCL Clock Low Period
tLOW
1.3
F
s
SCL Clock High Period
tHIGH
0.6
F
s
Rise Time of Both SDA and SCL
Signals Receiving
tR_I2C
(Notes 4, 5)
20 +
0.1CB
300
ns
Fall Time of Both SDA and SCL
Signals Receiving
tF_I2C
(Notes 4, 5)
20 +
0.1CB
300
ns
Fall Time of SDA Transmitting
tF_TX
(Notes 4, 5)
20 +
0.1CB
250
ns
Pulse Width of Spike Suppressed
tSP
(Note 6)
50
ns
Capacitive Load for Each Bus
Line
CB
(Note 5)
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com