Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ314 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAXQ314
Description  Single-Phase Power-Measurement IC with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ314 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAXQ314 Datasheet HTML 7Page - Maxim Integrated Products MAXQ314 Datasheet HTML 8Page - Maxim Integrated Products MAXQ314 Datasheet HTML 9Page - Maxim Integrated Products MAXQ314 Datasheet HTML 10Page - Maxim Integrated Products MAXQ314 Datasheet HTML 11Page - Maxim Integrated Products MAXQ314 Datasheet HTML 12Page - Maxim Integrated Products MAXQ314 Datasheet HTML 13Page - Maxim Integrated Products MAXQ314 Datasheet HTML 14Page - Maxim Integrated Products MAXQ314 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Single-Phase Power-Measurement
IC with I2C Interface
______________________________________________________________________________________ 11
Data and Control Registers
All transactions consist of the master writing to or read-
ing from data, configuration, or control registers. Each
register has an 8-bit address. There are several catego-
ries of internal registers; read-only registers return mea-
surement values taken by the device. All the read/write
registers are calculation coefficients set by the master.
The only exceptions are the DSPCFG register, which
configures operating features of the device, and the
ADC_AZ register, which resets the internal ADC when it
is written to.
READ WORD
S
ADDR:7
W
A
CMD:8
A
SR
ADDR:7
R
A
D0:8
A
D1:8
N
P
READ LONG
S
ADDR:7
W
A
CMD:8
A
SR
ADDR:7
R
A
D0:8
A
D1:8
A
D2:8
N
P
WRITE WORD
S
ADDR:7
W
A
CMD:8
A
D0:8
A
D1:8
A
P
READ WORD WITH PEC
S
ADDR:7
W
A
CMD:8
A
SR
ADDR:7
R
A
D0:8
A
D1:8
A
PEC:8
N
P
READ LONG WITH PEC
S
ADDR:7
W
A
CMD:8
A
SR
ADDR:7
R
A
D0:8
A
D1:8
A
D2:8
A
PEC:8
N
P
WRITE WORD WITH PEC
S
ADDR:7
W
A
CMD:8
A
D0:8
A
D1:8
A
PEC:8
A
P
A = ACKNOWLEDGE (ACK) BIT
ADDR:7 = 7-BIT DEVICE ADDRESS; MUST MATCH THE ADDRESS SELECTED BY A[2:0]
CMD:8 = REGISTER/COMMAND SELECTED IN TABLE 2
D0:8 = 8-BIT DATA; MULTIBYTE COMMANDS CAN REQUIRE D0, D1, D2, ETC.
PEC:8 = 8-BIT PEC DATA
N = NEGATIVE ACKNOWLEDGE (NACK) BIT
P = STOP BIT
S = START BIT
SR = REPEATED START BIT
W = WRITE BIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com