Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ314 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAXQ314
Description  Single-Phase Power-Measurement IC with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ314 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAXQ314 Datasheet HTML 1Page - Maxim Integrated Products MAXQ314 Datasheet HTML 2Page - Maxim Integrated Products MAXQ314 Datasheet HTML 3Page - Maxim Integrated Products MAXQ314 Datasheet HTML 4Page - Maxim Integrated Products MAXQ314 Datasheet HTML 5Page - Maxim Integrated Products MAXQ314 Datasheet HTML 6Page - Maxim Integrated Products MAXQ314 Datasheet HTML 7Page - Maxim Integrated Products MAXQ314 Datasheet HTML 8Page - Maxim Integrated Products MAXQ314 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Single-Phase Power-Measurement
IC with I2C Interface
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, go to: www.maxim-ic.com/errata.
19-5031; Rev 0; 11/09
Ordering Information
General Description
The MAXQ314 is a dedicated power-measurement IC
that collects and calculates voltage, current, power, and
power factor for a single-phase load. The results can
be retrieved by an external master through the internal
I2C bus. This bus is also used by the external master to
configure the operation of the MAXQ314 and monitor the
status of operations.
The MAXQ314 performs voltage and current measure-
ments using an integrated ADC that can measure voltage
and current. Other values such as power are calculated
from that data. The MAXQ314 also has an integrated
temperature sensor that provides the die temperature on
demand. The internal current amplifier produces up to
32x gain and the voltage amplifier gain is 1x.
Applications
Single-Phase AC Power Monitoring
Features
S
High-Performance, Low-Power DSP Core
S
On-Chip Digital Temperature Sensor
S
Precision Internal Voltage Reference
S
Active Power (W), < ±0.5% Error
S
Reactive Power (VAR), < ±0.7% Error
S
Apparent Power (VA), < ±0.7% Error
S
Power Factor, < ±1% Error
S
Voltage RMS, < ±0.2% Error
S
Current RMS, < ±0.5% Error
S
I2C-Compatible Serial Interface
S
Continuous Output of IRMS in Serial or PWM
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
MAXQ is a registered trademark of Maxim Integrated Products, Inc.
Block Diagram
EVALUATION
KIT
AVAILABLE
PART
OPERATING VOLTAGE (V)
TEMP RANGE
PIN-PACKAGE
MAXQ314+
3.0 to 3.6
-40NC to +85NC
20 TQFN-EP*
MAXQ314
SCL
SDA
A0
A1
A2
AUX
RST
AVDD
AGND
DVDD
DGND
MUX
PGA
ADC
DSP
WATCHDOG
TIMER
INTERNAL
REFERENCE
I2C
INTERFACE
SERIAL/PWM
16-BIT
MAXQ20
RISC CPU
INTERNAL
8MHz CLOCK
GENERATOR
POWER-ON
RESET
(AVDD, DVDD)
BUS
VP
VN
IL
TEMP SENSOR


Similar Part No. - MAXQ314

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3100 MAXIM-MAXQ3100 Datasheet
328Kb / 30P
Mixed-Signal Microcontroller with Analog Comparators, LCD, and RTC
Rev 0; 6/07
MAXQ3100-EMN+ MAXIM-MAXQ3100-EMN+ Datasheet
328Kb / 30P
Mixed-Signal Microcontroller with Analog Comparators, LCD, and RTC
Rev 0; 6/07
MAXQ3108 MAXIM-MAXQ3108 Datasheet
3Mb / 64P
Low-Power, Dual-Core Microcontroller
Rev 0; 1/09
MAXQ3108-FFN+ MAXIM-MAXQ3108-FFN+ Datasheet
3Mb / 64P
Low-Power, Dual-Core Microcontroller
Rev 0; 1/09
logo
Dallas Semiconductor
MAXQ3120 DALLAS-MAXQ3120 Datasheet
508Kb / 33P
High-Precision ADC Mixed-Signal Microcontroller
More results

Similar Description - MAXQ314

ManufacturerPart #DatasheetDescription
logo
Sames
SA9903B SAMES-SA9903B Datasheet
120Kb / 12P
Single Phase Power / Energy IC with SPI Interface
logo
Teridian Semiconductor ...
78M6612 TERIDIAN-78M6612 Datasheet
1Mb / 111P
Single-Phase, Dual-Outlet Power and Energy Measurement IC
78M6613 TERIDIAN-78M6613 Datasheet
963Kb / 33P
Single-Phase AC Power Measurement IC
logo
Maxim Integrated Produc...
78M6612 MAXIM-78M6612 Datasheet
1Mb / 46P
Single-Phase, Dual-Outlet Power and Energy Measurement IC
Rev 2; 1/12
78M6613 MAXIM-78M6613_12 Datasheet
908Kb / 33P
Single-Phase AC Power Measurement IC
Rev 2; 1/12
78M6631 MAXIM-78M6631 Datasheet
600Kb / 30P
3-Phase Power-Measurement IC
Rev 1; 1/12
78M6631_1204 MAXIM-78M6631_1204 Datasheet
475Kb / 30P
3-Phase Power-Measurement IC
Rev 2; 4/12
logo
Analog Devices
ADE7953 AD-ADE7953 Datasheet
804Kb / 68P
Single Phase, Multifunction Metering IC with Neutral Current Measurement
REV. A
logo
Silergy Corp.
78M6613 SILERGY-78M6613 Datasheet
813Kb / 33P
Single-Phase AC Power Measurement IC
78M6631 SILERGY-78M6631 Datasheet
567Kb / 30P
3-Phase Power-Measurement IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com