| Electronic Components Datasheet Search |
|
MAXQ314 Datasheet(PDF) 13 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAXQ314 Datasheet(HTML) 13 Page - Maxim Integrated Products |
|
13 / 16 page ![]() Single-Phase Power-Measurement IC with I2C Interface ______________________________________________________________________________________ 13 Table 3. DSPCFG Register Detail BIT NAME DESCRIPTION 0 DISIL 1 = disable IL measurements 0 = enable IL measurements (default) 1 RESERVED Must be set to 1 2 RESERVED Must be set to 0 3 PECEN 1 = PEC enabled for I2C transmission 0 = PEC disabled for I2C transmission (default) 4 AVGP 1 = Begin accumulating PAVG 0 = Stop accumulating PAVG (default) 5 AVGRD 1 = PAVG calculation complete 0 = PAVG calculation in progress, following AVGP 1 R 0 (This bit is automatically cleared the next time the master sets AVGP to 1.) 6 PWMOUT 1 = AUX pin outputs in PWM format 0 = AUX pin outputs in digital format (default) 7 DISPGA 1 = Disable gain switching 0 = Enable gain switching (recommended, default) 8 ILPGA 1 = PGA for IL = x4 (default) 0 = PGA for IL = x1 9 ACMODE 1 = AC mode 0 = DC mode (default) 10:11 RESERVED — 12:15 RESET_STATUS Reset Status Indicator. These bits allow the master to determine if the MAXQ314 has per- formed a reset since the last time these bits were cleared. When these bits are 1111, the MAXQ314 has performed a reset. After the bits have been read, the master must write 0000 to these bits to clear the reset indicator. Writing to and reading from these bits does not affect processor operation or cause a reset; they are only status bits. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |