Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ314 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAXQ314
Description  Single-Phase Power-Measurement IC with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ314 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAXQ314 Datasheet HTML 1Page - Maxim Integrated Products MAXQ314 Datasheet HTML 2Page - Maxim Integrated Products MAXQ314 Datasheet HTML 3Page - Maxim Integrated Products MAXQ314 Datasheet HTML 4Page - Maxim Integrated Products MAXQ314 Datasheet HTML 5Page - Maxim Integrated Products MAXQ314 Datasheet HTML 6Page - Maxim Integrated Products MAXQ314 Datasheet HTML 7Page - Maxim Integrated Products MAXQ314 Datasheet HTML 8Page - Maxim Integrated Products MAXQ314 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Single-Phase Power-Measurement
IC with I2C Interface
4 ______________________________________________________________________________________
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Voltage Range on DVDD with
Respect to DGND .............................................-0.3V to +4.0V
Voltage Range on AVDD with
Respect to AGND .............................................-0.3V to +4.0V
Voltage Range on AGND with
Respect to DGND .............................................-0.3V to +0.3V
Voltage Range on AVDD with
Respect to DVDD..............................................-0.3V to +0.3V
Voltage Range on Any Lead with
Respect to (DGND = AGND)...............................-0.3V to +4V
Operating Temperature Range.......................... -40NC to +85NC
Storage Temperature Range........................... -65NC to +150NC
Continuous Power Dissipation (TA = +70NC)
20-Pin TQFN (derate 20.8mW/NC above +70NC).......1667mW
ESD Protection (Human Body Model) ...............................Q2kV
Soldering Temperature .........................Refer to the IPC/JEDEC
J-STD-020 Specification.
POWER-MONITORING SPECIFICATIONS
(VAVDD = VDVDD = 3.0V to 3.6V, TA = +25NC.) (Note 1)
ELECTRICAL CHARACTERISTICS
(VAVDD = VDVDD = 3.0V to 3.6V, TA = +25NC, unless otherwise noted.) (Note 2)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Digital Supply Voltage
VDVDD
3.0
3.6
V
Supply Current
IDVDD
IDVDD + IAVDD, fCLK = 8MHz
6.5
15.0
mA
Analog Supply Voltage
VAVDD
3.0
3.6
V
Supply Voltage Power-Fail Trip
Point
UVLO
Rising, VDVDD = VAVDD
2.75
2.8
2.95
V
Hysteresis
100
mV
DIGITAL I/O
Input High Voltage (RST)
VIH
2.1
V
Input High Voltage (A0, A1, A2)
VIH2
VDVDD
- 0.3
V
Input Low Voltage (RST)
VIL
0.8
V
Input Low Voltage (A0, A1, A2)
VIL2
0.3
V
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Active-Power Error
Current input DR 500:1
0.5
%
Reactive-Power Error
Current input DR 500:1
0.7
%
Apparent-Power Error
Current input DR 500:1
0.7
%
Power-Factor Error
Current input DR 500:1
0.1
%
RMS Voltage Error
Current input DR 30:1
0.2
%
RMS Current Error
Current input DR 500:1
0.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com