Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ314 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAXQ314
Description  Single-Phase Power-Measurement IC with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ314 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAXQ314 Datasheet HTML 4Page - Maxim Integrated Products MAXQ314 Datasheet HTML 5Page - Maxim Integrated Products MAXQ314 Datasheet HTML 6Page - Maxim Integrated Products MAXQ314 Datasheet HTML 7Page - Maxim Integrated Products MAXQ314 Datasheet HTML 8Page - Maxim Integrated Products MAXQ314 Datasheet HTML 9Page - Maxim Integrated Products MAXQ314 Datasheet HTML 10Page - Maxim Integrated Products MAXQ314 Datasheet HTML 11Page - Maxim Integrated Products MAXQ314 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Single-Phase Power-Measurement
IC with I2C Interface
8 ______________________________________________________________________________________
Pin Configuration
Pin Description
MAXQ314
TQFN
(5mm × 5mm)
TOP VIEW
19
20
EP*
*EXPOSED PAD.
+
18
17
7
6
8
9
1
2
AGND
4
5
15
14
12
11
IL
N.C.
N.C.
SDA
SCL
N.C.
3
13
AVDD
16
10 A2
VP
PIN
NAME
FUNCTION
POWER PINS
3
DGND
Digital Ground. AGND and DGND should be connected externally through a single point connection.
4
DVDD
Digital Supply Voltage. Connect AVDD to DVDD externally. Connect a 0.1FF capacitor to DGND.
14
REF
Buffered Reference Output. Connect this pin to AGND through a 1FF capacitor. No other signals should be
connected to this pin.
17
AVDD
Analog Supply Voltage. Connect AVDD to DVDD externally. Connect a 0.1FF capacitor to AGND.
18
AGND
Analog Ground. AGND and DGND should be connected externally through a single point connection.
—
EP
Exposed Pad. Connect to AGND.
COMMUNICATION AND CONTROL PINS
1
AUX
RMS Current Continuous Output. This open-drain pin continuously outputs the value of the most recent 16-bit
RMS current measurement. If the SPCFG.PWMOUT bit is set, the value is instead output in PWM format.
7
SCL
I2C Clock Line I/O
8
SDA
I2C Data Line I/O
10
A2
Device Selection Address Bits, Input. These bits select the slave address shown in Table 1.
11
A1
12
A0
13
RST
Active-Low Reset Input. The CPU is held in reset when this pin is low. The pin includes pullup current
source and should be driven by an open-drain external source capable of sinking in excess of 4mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com