Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ314 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAXQ314
Description  Single-Phase Power-Measurement IC with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ314 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAXQ314 Datasheet HTML 5Page - Maxim Integrated Products MAXQ314 Datasheet HTML 6Page - Maxim Integrated Products MAXQ314 Datasheet HTML 7Page - Maxim Integrated Products MAXQ314 Datasheet HTML 8Page - Maxim Integrated Products MAXQ314 Datasheet HTML 9Page - Maxim Integrated Products MAXQ314 Datasheet HTML 10Page - Maxim Integrated Products MAXQ314 Datasheet HTML 11Page - Maxim Integrated Products MAXQ314 Datasheet HTML 12Page - Maxim Integrated Products MAXQ314 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Single-Phase Power-Measurement
IC with I2C Interface
_______________________________________________________________________________________ 9
Detailed Description
The MAXQ314 is a dedicated analog front-end (AFE) that
measures voltage, current, and temperature. The internal
DSP then derives calculated values. It communicates
with a master device using the I2C communication proto-
col, and continuously executes the following operations:
• Scans AFE channels and collects raw voltage and
current samples
• Calculates power (real, reactive, apparent)
• Responds to register write and read commands from
the master
It is the master device’s responsibility to ensure that all
configuration registers have been set to their correct val-
ues in order to achieve the specified accuracy.
Clock Source
An internal oscillator supplies a system clock of approxi-
mately 8MHz, varying slightly over temperature and volt-
age. No external components are needed.
Reset Sources
External Reset
An external reset is generated by driving the RST pin
low for at least 1Fs and remains as long as RST is held
low. Once the external reset has been released, all reg-
isters are cleared to their default states, and the device
resumes execution.
Voltage Monitor
The device is held in reset any time the power supply
AVDD drops below the supply voltage power-fail thresh-
old. Once the power supply rises above the supply volt-
age power-fail level, the device exits reset, and all reg-
isters are reset to their defaults and execution resumes.
I2C Slave Operation
The MAXQ314 operates as an I2C slave peripheral and
requires an external I2C master. All communications
between the two are performed over a standard I2C bus,
using commands to read and write values to internal
registers. These registers contain:
• Operating mode settings
• Calibration parameters (supplied by the master)
• Read-only registers containing power, current, and
voltage data
During operation, voltage and current measurements are
taken, filtered, and the collected data is processed. The
output results then can be read by the master from read-
only registers in parallel with the ongoing measurement
and processing operations.
The device must be initialized by the master with con-
figuration and calibration parameters following every
power-up or reset cycle.
Pin Description (continued)
PIN
NAME
FUNCTION
VOLTAGE AND CURRENT MEASUREMENT PINS
15
VN
Differential Voltage Negative Input
16
VP
Differential Voltage Positive Input
19
IL
Single-Ended Current Input, Low Frequency
NO CONNECTION PINS
2, 5, 6,
9, 20
N.C.
No Connection. Do not connect any signal to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com