Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ314 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAXQ314
Description  Single-Phase Power-Measurement IC with I2C Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ314 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAXQ314 Datasheet HTML 8Page - Maxim Integrated Products MAXQ314 Datasheet HTML 9Page - Maxim Integrated Products MAXQ314 Datasheet HTML 10Page - Maxim Integrated Products MAXQ314 Datasheet HTML 11Page - Maxim Integrated Products MAXQ314 Datasheet HTML 12Page - Maxim Integrated Products MAXQ314 Datasheet HTML 13Page - Maxim Integrated Products MAXQ314 Datasheet HTML 14Page - Maxim Integrated Products MAXQ314 Datasheet HTML 15Page - Maxim Integrated Products MAXQ314 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Single-Phase Power-Measurement
IC with I2C Interface
12 _____________________________________________________________________________________
Table 2. Register Set
NAME
DESCRIPTION
ACCESS
BITS
CMD CODE
P
Active power
R
23:0
0100 0010b (0x42)
Q
Reactive power
R
23:0
0011 0010b (0x32)
S
Apparent power
R
23:0
0011 1010b (0x3A)
PAVG
Average power
R
23:0
0101 1010b (0x5A)
VRMS
RMS-voltage
R
23:0
0100 1010b (0x4A)
IRMS
RMS-current
R
23:0
0101 0010b (0x52)
PF
Power factor; LSB = 2-16
R
23:0
0011 1100b (0x3C)
RAWTEMP
Temperature sample
R
15:0
0000 0111b (0x07)
PA
Phase-angle compensation coefficient
R/W
15:0
0010 0100b (0x24)
I_GAIN
Current gain coefficient
R/W
15:0
0010 1011b (0x2B)
V_GAIN
Voltage gain coefficient
R/W
15:0
0010 1010b (0x2A)
DSPCFG
DSP configuration
R/W
15:0
0010 0010b (0x22)
LPFC
Lowpass filter compensation
R/W
15:0
0010 0011b (0x23)
SUMCNT
Number of sampling frames per DSP cycle
R/W
15:0
0011 0100b (0x34)
ADC_AZ
ADC autozero operation. The master issues this command only
when it is initializing the MAXQ314. Any value written to this
register initiates a reset of the ADC, which takes approximately
1.5ms to complete.
W
7:0
0000 1111b (0x0F)
P_OFFS
Offset added to the P register
R/W
15:0
84
P_GAIN
Gain added to the P register
R/W
15:0
8c
IK
Correction factor for IRMS calculation
R/W
15:0
B2
IGV
Voltage-dependent gain correction factor for IRMS calculation
R/W
15:0
ba
I_OFFS
Offset for IRMS calculation
R/W
15:0
ac
I_OV
Voltage-dependent offset for IRMS calculation
R/W
15:0
ac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com