Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78M6631 Datasheet (PDF) - Maxim Integrated Products

78M6631 Datasheet PDF - Maxim Integrated Products
Part # 78M6631
Download  78M6631 Download
File Size   600.36 Kbytes
Page   30 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3-Phase Power-Measurement IC

78M6631 Datasheet (PDF)

Go To PDF Page Download Datasheet
78M6631 Datasheet PDF - Maxim Integrated Products

Part # 78M6631
Download  78M6631 Click to download

File Size   600.36 Kbytes
Page   30 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3-Phase Power-Measurement IC

78M6631 Datasheet (HTML) - Maxim Integrated Products


78M6631 Product details

DESCRIPTION
The Teridian™ 78M6631 is a highly integrated 3-phase power measurement and monitoring system-on-chip (SoC), with a 10 MHz 8051-compatible MPU core and Single Converter Technology® containing a 22-bit deltasigma converter and 32-bit compute engine (CE). The 78M6631 has been designed specifically for a wide variety of applications requiring 3-phase power and quality measurements. It supports both Delta and Wye configurations.

FEATURES
• < 0.5% Watt Accuracy Over 2000:1 Current Range and Over Temperature
• Exceeds IEC 62053/ANSI C12.20 Standards
• Voltage Reference < 40 ppm/°C
• Six Analog Inputs Supporting 3-Phase Voltage and Current Measurement Inputs
• Pin- or Biselectable Delta or Wye Configuration
• 22-Bit Delta-Sigma ADC with Independent 32- Bit Compute Engine (CE)
• 8-Bit MPU (80515), One Clock Cycle per Instruction with 4 KB MPU XRAM
• 128 KB Flash with Security
• 32 kHz Time Base with Hardware Watchdog Timer
• UART, I2C, and High-Speed Slave SPI Host Interface Options
• 17 General-Purpose 5 V Tolerant I/O Pins
• Packaged in a RoHS-Compliant (6/6) Lead(Pb)-Free 56-Pin TQFN
• Application Firmware Includes (per Phase):
    o True RMS Current and Voltage Calculations
    o Active, Reactive, Apparent, Fundamental, and Harmonic Power Calculations
    o Fundamental and Harmonic Current and Voltage Calculations
    o Line Frequency and Power Factor Calculations
    o Phase Compensation (18 at 60 Hz)
    o Built-In Calibration Routines
    o Programmable Alarm Thresholds
    o Command Line (UART) Communications
    o High-Speed SPI Communications




Similar Part No. - 78M6631

ManufacturerPart #DatasheetDescription
logo
Silergy Corp.
78M6631 SILERGY-78M6631 Datasheet
567Kb / 30P
3-Phase Power-Measurement IC
logo
Maxim Integrated Produc...
78M6631-IM/F MAXIM-78M6631-IM/F Datasheet
475Kb / 30P
3-Phase Power-Measurement IC
Rev 2; 4/12
logo
Silergy Corp.
78M6631-IM/F SILERGY-78M6631-IM/F Datasheet
567Kb / 30P
3-Phase Power-Measurement IC
logo
Maxim Integrated Produc...
78M6631-IMR/F MAXIM-78M6631-IMR/F Datasheet
475Kb / 30P
3-Phase Power-Measurement IC
Rev 2; 4/12
logo
Silergy Corp.
78M6631-IMR/F SILERGY-78M6631-IMR/F Datasheet
567Kb / 30P
3-Phase Power-Measurement IC
More results


Similar Description - 78M6631

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ314 MAXIM-MAXQ314 Datasheet
1,020Kb / 16P
Single-Phase Power-Measurement IC with I2C Interface
Rev 0; 11/09
logo
Teridian Semiconductor ...
78M6612 TERIDIAN-78M6612 Datasheet
1Mb / 111P
Single-Phase, Dual-Outlet Power and Energy Measurement IC
78M6613 TERIDIAN-78M6613 Datasheet
963Kb / 33P
Single-Phase AC Power Measurement IC
logo
Maxim Integrated Produc...
78M6612 MAXIM-78M6612 Datasheet
1Mb / 46P
Single-Phase, Dual-Outlet Power and Energy Measurement IC
Rev 2; 1/12
78M6613 MAXIM-78M6613_12 Datasheet
908Kb / 33P
Single-Phase AC Power Measurement IC
Rev 2; 1/12
78M6631_1204 MAXIM-78M6631_1204 Datasheet
475Kb / 30P
3-Phase Power-Measurement IC
Rev 2; 4/12
logo
Texas Instruments
LM25056 TI1-LM25056_16 Datasheet
934Kb / 39P
System Power Measurement IC
LM25056A TI1-LM25056A_16 Datasheet
934Kb / 39P
System Power Measurement IC
logo
Silergy Corp.
78M6613 SILERGY-78M6613 Datasheet
813Kb / 33P
Single-Phase AC Power Measurement IC
78M6631 SILERGY-78M6631 Datasheet
567Kb / 30P
3-Phase Power-Measurement IC
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com