Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL91302BIK Datasheet (PDF) - Renesas Technology Corp

ISL91302BIK Datasheet PDF - Renesas Technology Corp
Part # ISL91302BIK
Download  ISL91302BIK Download
File Size   1254.41 Kbytes
Page   62 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual/Single Output PMIC with 12-Bit Telemetry ADC for Industrial and Computing Applications

ISL91302BIK Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL91302BIK Datasheet PDF - Renesas Technology Corp

Part # ISL91302BIK
Download  ISL91302BIK Click to download

File Size   1254.41 Kbytes
Page   62 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual/Single Output PMIC with 12-Bit Telemetry ADC for Industrial and Computing Applications

ISL91302BIK Datasheet (HTML) - Renesas Technology Corp


ISL91302BIK Product details

Features
• Dual output 3+1 or 2+2, or single output 4-phase
• 2.7V to 5.5V supply voltage
• 5A per phase output current capability
• Small solution size
• High efficiency (94% peak for 3.3V VIN, 1.8V VOUT,
L = 220nH)
• Low IQ in low power mode
• Proprietary control scheme reduces the output
capacitor and supports fast load transients (such as
50A/μs per phase)
• Voltage, current, and temperature telemetry through
integrated ADC plus auxiliary inputs
• ±0.7% system accuracy, remote voltage sensing
• I2C and SPI programmable output from 0.3V to 2.0V
• Independent Dynamic Voltage Scaling (DVS) for
each output
• Soft-start and fault detection (UV, OV, OC, OT),
short-circuit protection
• 4.7mmx 6.3mm 35 ball TFBGA with 0.8mm pin pitch




Similar Part No. - ISL91302BIK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL91302BIK RENESAS-ISL91302BIK Datasheet
1Mb / 54P
Triple/Quad Output Power Management IC for Industrial and Computing Applications
Feb.25.20
More results


Similar Description - ISL91302BIK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1213 MAXIM-MAX1213 Datasheet
427Kb / 20P
1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 2; 6/05
MAX1219 MAXIM-MAX1219 Datasheet
539Kb / 21P
1.8V, Dual, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 8/05
MAX19542 MAXIM-MAX19542 Datasheet
287Kb / 23P
12-Bit, 170Msps ADC with CMOS Outputs for Wideband Applications
19-3464; Rev 1; 10/10
MAX19541 MAXIM-MAX19541 Datasheet
287Kb / 23P
12-Bit, 125Msps ADC with CMOS Outputs for Wideband Applications
19-3432; Rev 0; 11/04
logo
Texas Instruments
TPS650932 TI1-TPS650932 Datasheet
1Mb / 121P
Simple and Flexible Wide Input Voltage PMIC for Computing
logo
Maxim Integrated Produc...
MAX1214 MAXIM-MAX1214 Datasheet
322Kb / 20P
1.8V, 12-Bit, 210Msps ADC for Broadband Applications
2006
MAX1217 MAXIM-MAX1217 Datasheet
336Kb / 22P
1.8V, Dual, 12-Bit, 125Msps ADC for Broadband Applications
2005
MAX1218 MAXIM-MAX1218 Datasheet
577Kb / 21P
1.8V, Dual, 12-Bit, 170Msps ADC for Broadband Applications
2005
logo
Analog Devices
ADUCM430 AD-ADUCM430_V01 Datasheet
88Kb / 2P
Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and
Rev. SpA
logo
Renesas Technology Corp
ISL91211AIK RENESAS-ISL91211AIK Datasheet
1Mb / 54P
Triple/Quad Output Power Management IC for Industrial and Computing Applications
Feb.25.20
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com