Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL97674 Datasheet (PDF) - Renesas Technology Corp

ISL97674 Datasheet PDF - Renesas Technology Corp
Part # ISL97674
Download  ISL97674 Download
File Size   1438.6 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Channel LED Driver with Phase Shift Control and Frame Rate to Dimming Frequency Synchronization

ISL97674 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97674 Datasheet PDF - Renesas Technology Corp

Part # ISL97674
Download  ISL97674 Click to download

File Size   1438.6 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Channel LED Driver with Phase Shift Control and Frame Rate to Dimming Frequency Synchronization

ISL97674 Datasheet (HTML) - Renesas Technology Corp


ISL97674 Product details

Features
• 6 Channels
• Frame Rate to Dimming Frequency
Synchronization
• 4.5V to 26.5V Input
• 45V Output Max
• Up to 40mA LED Current per channel
• Extensive Dimming Control
- PWM/DPST Dimming, I2C 8-bit with equal phase
shift, and 0.007% Direct PWM dimming at 200Hz
• Optional Master Fault Protection
• PWM Dimming Linearity 0.4%~100% <30kHz
• 600kHz/1.2MHz selectable switching frequency
• Dynamic Headroom Control
• Protections with Flag Indication
- String Open/Short Circuit, VOUT Short Circuit,
Overvoltage and Over-Temperature Protections
- Optional Master Fault Protection
• Current Matching ±0.7%
• 20 Ld 4mmx3mm QFN Package
Applications
• Notebook Displays WLED or RGB LED Backlighting
• LCD Monitor LED Backlighting
• Automotive Displays LED Backlighting




Similar Part No. - ISL97674

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97674 INTERSIL-ISL97674 Datasheet
803Kb / 28P
6-Channel LED Driver with Phase Shift Control and Frame Rate to Dimming Frequency Synchronization
June 25, 2010
ISL97674IRZ INTERSIL-ISL97674IRZ Datasheet
803Kb / 28P
6-Channel LED Driver with Phase Shift Control and Frame Rate to Dimming Frequency Synchronization
June 25, 2010
ISL97674 INTERSIL-ISL97674_10 Datasheet
803Kb / 28P
6-Channel LED Driver with Phase Shift Control and Frame Rate to Dimming Frequency Synchronization
June 25, 2010
More results


Similar Description - ISL97674

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97671 INTERSIL-ISL97671_10 Datasheet
626Kb / 28P
6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
June 24, 2010
ISL97673 INTERSIL-ISL97673_10 Datasheet
578Kb / 27P
6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
June 24, 2010
ISL97674 INTERSIL-ISL97674_10 Datasheet
803Kb / 28P
6-Channel LED Driver with Phase Shift Control and Frame Rate to Dimming Frequency Synchronization
June 25, 2010
ISL97676 INTERSIL-ISL97676 Datasheet
619Kb / 20P
6-Channel LED Driver with Phase Shift Control
March 12, 2010
ISL97671AIRZ INTERSIL-ISL97671AIRZ Datasheet
922Kb / 28P
6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
November 30, 2012
ISL97673IRZ INTERSIL-ISL97673IRZ Datasheet
724Kb / 27P
6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
October 5, 2012
logo
Renesas Technology Corp
ISL97671A RENESAS-ISL97671A Datasheet
1Mb / 28P
6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
ISL97671 RENESAS-ISL97671 Datasheet
1Mb / 27P
6-Channel SMBus/I2C or PWM Dimming LED Driver with Phase Shift Control
Sep 7, 2017
ISL97673 RENESAS-ISL97673 Datasheet
1Mb / 28P
6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
Sep 19, 2017
ISL97676 RENESAS-ISL97676 Datasheet
1Mb / 19P
6-Channel LED Driver with Phase Shift Control
Sep 12, 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com