Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISLA112P25M Datasheet (PDF) - Renesas Technology Corp

ISLA112P25M Datasheet PDF - Renesas Technology Corp
Part # ISLA112P25M
Download  ISLA112P25M Download
File Size   891.04 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power 12-Bit, 250MSPS ADC

ISLA112P25M Datasheet (PDF)

Go To PDF Page Download Datasheet
ISLA112P25M Datasheet PDF - Renesas Technology Corp

Part # ISLA112P25M
Download  ISLA112P25M Click to download

File Size   891.04 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power 12-Bit, 250MSPS ADC

ISLA112P25M Datasheet (HTML) - Renesas Technology Corp


ISLA112P25M Product details

Features
• Programmable Gain, Offset and Skew Control
• 1.3GHz Analog Input Bandwidth
• 60fs Clock Jitter
• Over-Range Indicator
• Selectable Clock Divider: 1, 2 or 4
• Clock Phase Selection
• Nap and Sleep Modes
• Two’s Complement, Gray Code or Binary Data
Format
• SDR/DDR LVDS-Compatible or LVCMOS Outputs
• Programmable Built-in Test Patterns
• Single-Supply 1.8V Operation
• Pb-Free (RoHS Compliant)
VID Features
• Specifications per DSCC VID V62/10609
• Full Military Temperature Electrical Performance
from -55°C to +125°C
• Controlled Baseline with One Wafer Fabrication Site
and One Assembly/Test Site
• Full Homogeneous Lot Processing in Wafer Fab
• No Combination of Wafer Fabrication Lots in
Assembly
• Full Traceability Through Assembly and Test by
• Date/Trace Code Assignment
• Enhanced Process Change Notification
• Enhanced Obsolescence Management
• Eliminates Need for Up-Screening a COTS
Component




Similar Part No. - ISLA112P25M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA112P25M INTERSIL-ISLA112P25M Datasheet
1,005Kb / 29P
Low Power 12-Bit, 250MSPS ADC
November 17, 2011
ISLA112P25M INTERSIL-ISLA112P25M Datasheet
992Kb / 29P
Low Power 12-Bit, 250MSPS ADC
November 17, 2011
ISLA112P25MREP INTERSIL-ISLA112P25MREP Datasheet
857Kb / 29P
Low Power 12-Bit, 250MSPS ADC
June 25, 2010
ISLA112P25MREP INTERSIL-ISLA112P25MREP Datasheet
992Kb / 29P
Low Power 12-Bit, 250MSPS ADC
November 17, 2011
ISLA112P25MREP INTERSIL-ISLA112P25MREP Datasheet
1,005Kb / 29P
Low Power 12-Bit, 250MSPS ADC
November 17, 2011
More results


Similar Description - ISLA112P25M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12 Datasheet
465Kb / 28P
12-Bit, 250Msps ADC
logo
Texas Instruments
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
logo
Intersil Corporation
ISLA112P25MREP INTERSIL-ISLA112P25MREP Datasheet
857Kb / 29P
Low Power 12-Bit, 250MSPS ADC
June 25, 2010
logo
Texas Instruments
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12_15 Datasheet
480Kb / 30P
12-Bit, 250Msps ADC
logo
Intersil Corporation
ISLA112P25MREP INTERSIL-ISLA112P25MREP Datasheet
992Kb / 29P
Low Power 12-Bit, 250MSPS ADC
November 17, 2011
ISLA112P25M INTERSIL-ISLA112P25M Datasheet
1,005Kb / 29P
Low Power 12-Bit, 250MSPS ADC
November 17, 2011
logo
Renesas Technology Corp
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
12-Bit, 250MSPS/200MSPS/130MSPS ADC
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com