Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISLA112P25MREP Datasheet (PDF) - Intersil Corporation

ISLA112P25MREP Datasheet PDF - Intersil Corporation
Part # ISLA112P25MREP
Download  ISLA112P25MREP Download
File Size   992.77 Kbytes
Page   29 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power 12-Bit, 250MSPS ADC

ISLA112P25MREP Datasheet (PDF)

Go To PDF Page Download Datasheet
ISLA112P25MREP Datasheet PDF - Intersil Corporation

Part # ISLA112P25MREP
Download  ISLA112P25MREP Click to download

File Size   992.77 Kbytes
Page   29 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Power 12-Bit, 250MSPS ADC

ISLA112P25MREP Datasheet (HTML) - Intersil Corporation


ISLA112P25MREP Product details

The ISLA112P25MREP is a low-power 12-bit, 250MSPS
analog-to-digital converter. Designed with Intersil’s
proprietary FemtoCharge™ technology on a standard
CMOS process.
A serial peripheral interface (SPI) port allows for
extensive configurability, as well as fine control of various
parameters such as gain and offset.
Digital output data is presented in selectable LVDS or
CMOS formats. The ISLA112P25MREP is available in a
72 Ld QFN package with an exposed paddle. Operating
from a 1.8V supply, performance is specified over the full
military temperature range (-55°C to +125°C).

Features
• Programmable Gain, Offset and Skew Control
• 1.3GHz Analog Input Bandwidth
• 60fs Clock Jitter
• Over-Range Indicator
• Selectable Clock Divider: ÷1, ÷2 or ÷4
• Clock Phase Selection
• Nap and Sleep Modes
• Two’s Complement, Gray Code or Binary Data Format
• SDR/DDR LVDS-Compatible or LVCMOS Outputs
• Programmable Built-in Test Patterns
• Single-Supply 1.8V Operation
• Pb-Free (RoHS Compliant)

Applications
• Power Amplifier Linearization
• Radar and Satellite Antenna Array Processing
• Broadband Communications
• High-Performance Data Acquisition
• Communications Test Equipment




Similar Part No. - ISLA112P25MREP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA112P25MREP INTERSIL-ISLA112P25MREP Datasheet
857Kb / 29P
Low Power 12-Bit, 250MSPS ADC
June 25, 2010
ISLA112P25MREP INTERSIL-ISLA112P25MREP Datasheet
1,005Kb / 29P
Low Power 12-Bit, 250MSPS ADC
November 17, 2011
logo
Renesas Technology Corp
ISLA112P25MREP RENESAS-ISLA112P25MREP Datasheet
891Kb / 29P
Low Power 12-Bit, 250MSPS ADC
November 17, 2011
More results


Similar Description - ISLA112P25MREP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12 Datasheet
465Kb / 28P
12-Bit, 250Msps ADC
logo
Texas Instruments
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
logo
Intersil Corporation
ISLA112P25MREP INTERSIL-ISLA112P25MREP Datasheet
857Kb / 29P
Low Power 12-Bit, 250MSPS ADC
June 25, 2010
logo
Texas Instruments
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12_15 Datasheet
480Kb / 30P
12-Bit, 250Msps ADC
logo
Intersil Corporation
ISLA112P25M INTERSIL-ISLA112P25M Datasheet
1,005Kb / 29P
Low Power 12-Bit, 250MSPS ADC
November 17, 2011
logo
Renesas Technology Corp
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA112P25M RENESAS-ISLA112P25M Datasheet
891Kb / 29P
Low Power 12-Bit, 250MSPS ADC
November 17, 2011
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com