Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N6002NZ Datasheet (PDF) - Renesas Technology Corp

N6002NZ Datasheet PDF - Renesas Technology Corp
Part # N6002NZ
Download  N6002NZ Download
File Size   280.89 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-channel MOSFET 600V, 2A, 4.4Ω

N6002NZ Datasheet (PDF)

Go To PDF Page Download Datasheet
N6002NZ Datasheet PDF - Renesas Technology Corp

Part # N6002NZ
Download  N6002NZ Click to download

File Size   280.89 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-channel MOSFET 600V, 2A, 4.4Ω

N6002NZ Datasheet (HTML) - Renesas Technology Corp


N6002NZ Product details

Description
The N6002NZ is N-channel MOS Field Effect Transistor designed for high current switching applications.
Features
• Low on-state resistance
RDS (on) = 4.4Ω MAX. (VGS = 10 V, ID = 1.0 A)
• Low input capacitance
Ciss = 400pF TYP. (VDS = 10V, VGS = 0 V)
• High current
ID(DC) = ±2.0 A
• RoHS Compliant




Similar Part No. - N6002NZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
N6001NZ RENESAS-N6001NZ Datasheet
262Kb / 8P
N-channel MOSFET 600V, 1A, 9.3Ω
Feb 18, 2013
N6001NZ-S29-AY RENESAS-N6001NZ-S29-AY Datasheet
262Kb / 8P
N-channel MOSFET 600V, 1A, 9.3Ω
Feb 18, 2013
N6003NZ RENESAS-N6003NZ Datasheet
280Kb / 8P
N-channel MOSFET 600V, 2A, 4.4Ω
Feb 18, 2013
N6003NZ-S17-AY RENESAS-N6003NZ-S17-AY Datasheet
280Kb / 8P
N-channel MOSFET 600V, 2A, 4.4Ω
Feb 18, 2013
N6004NZ RENESAS-N6004NZ Datasheet
264Kb / 8P
N-channel MOSFET 600V, 4A, 2.0Ω
Feb 18, 2013
More results


Similar Description - N6002NZ

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD2N60 AOSMD-AOD2N60 Datasheet
148Kb / 6P
2A, 600V N-Channel MOSFET
AOT2N60 AOSMD-AOT2N60 Datasheet
148Kb / 6P
600V, 2A N-Channel MOSFET
AOD2N60 AOSMD-AOD2N60_10 Datasheet
332Kb / 6P
600V, 2A N-Channel MOSFET
AOT2N60 AOSMD-AOT2N60_10 Datasheet
165Kb / 6P
600V,2A N-Channel MOSFET
AOD2N60A AOSMD-AOD2N60A Datasheet
2Mb / 6P
600V,2A N-Channel MOSFET
AOI2N60 AOSMD-AOI2N60 Datasheet
114Kb / 5P
600V, 2A N-Channel MOSFET
AOD2C60 AOSMD-AOD2C60 Datasheet
254Kb / 6P
600V,2A N-Channel MOSFET
AOY2N60 AOSMD-AOY2N60 Datasheet
400Kb / 6P
600V,2A N-Channel MOSFET
logo
Renesas Technology Corp
N6003NZ RENESAS-N6003NZ Datasheet
280Kb / 8P
N-channel MOSFET 600V, 2A, 4.4Ω
Feb 18, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com