Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D5V0S1U2LP Datasheet (PDF) - Diodes Incorporated

D5V0S1U2LP Datasheet PDF - Diodes Incorporated
Part # D5V0S1U2LP
Download  D5V0S1U2LP Download
File Size   387.12 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH SURGE TVS DIODE

D5V0S1U2LP Datasheet (PDF)

Go To PDF Page Download Datasheet
D5V0S1U2LP Datasheet PDF - Diodes Incorporated

Part # D5V0S1U2LP
Download  D5V0S1U2LP Click to download

File Size   387.12 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH SURGE TVS DIODE

D5V0S1U2LP Datasheet (HTML) - Diodes Incorporated


D5V0S1U2LP Product details

Features
 Low Profile Package (0.53mm Max) and Ultra-Small PCB
Footprint Area (1.08mm * 0.68mm Max) Suitable for Compact
Portable Electronics
 Provides ESD Protection per IEC 61000-4-2 Standard: Air ±30kV,
Contact ±30kV
 1 Channel of ESD Protection
 Low Channel Input Capacitance
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - D5V0S1U2LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0S1U2LP1608A DIODES-D5V0S1U2LP1608A Datasheet
434Kb / 5P
ONE CHANNEL HIGH SURGE TVS DIODE
March 2022 Rev. 1 - 2
D5V0S1U2LP1608A-7 DIODES-D5V0S1U2LP1608A-7 Datasheet
434Kb / 5P
ONE CHANNEL HIGH SURGE TVS DIODE
March 2022 Rev. 1 - 2
D5V0S1U2LP1610 DIODES-D5V0S1U2LP1610 Datasheet
570Kb / 5P
1 CHANNEL HIGH SURGE TVS DIODE
July 2022 . 4 - 2
D5V0S1U2LP1610-7 DIODES-D5V0S1U2LP1610-7 Datasheet
570Kb / 5P
1 CHANNEL HIGH SURGE TVS DIODE
July 2022 . 4 - 2
D5V0S1U2LP1610Q DIODES-D5V0S1U2LP1610Q Datasheet
465Kb / 6P
1 CHANNEL HIGH SURGE TVS DIODE
December 2022 Rev .1 - 2
More results


Similar Description - D5V0S1U2LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0H1B2LP DIODES-D5V0H1B2LP Datasheet
338Kb / 5P
HIGH SURGE BIDIRECTIONAL TVS DIODE
Rev 1
D3V3H1B2LP DIODES-D3V3H1B2LP Datasheet
309Kb / 5P
HIGH SURGE BIDIRECTIONAL TVS DIODE
Rev 1
D5V0S1B2LP DIODES-D5V0S1B2LP Datasheet
301Kb / 5P
HIGH SURGE TVS DIODE
Rev 1
D3V3H1B2LPQ DIODES-D3V3H1B2LPQ Datasheet
334Kb / 4P
HIGH SURGE BIDIRECTIONAL TVS DIODE
June 2020 Rev. 1 - 2
D3V3S1B2LP DIODES-D3V3S1B2LP Datasheet
314Kb / 5P
HIGH SURGE BIDIRECTIONAL TVS DIODE
May 2019 Rev. 1 - 2
D5V0H1B2LPQ DIODES-D5V0H1B2LPQ Datasheet
420Kb / 5P
HIGH SURGE BIDIRECTIONAL TVS DIODE
December 2022 Rev. 1 - 2
D12V0S1U2LP1608 DIODES-D12V0S1U2LP1608 Datasheet
401Kb / 5P
ONE CHANNEL HIGH SURGE TVS DIODE
September 2021 Rev. 2 - 2
D12V0S1U2LP1610Q DIODES-D12V0S1U2LP1610Q Datasheet
533Kb / 6P
ONE CHANNEL HIGH SURGE TVS DIODE
December 2022 Rev. 1 - 2
D15V0S1U2LP1608A DIODES-D15V0S1U2LP1608A Datasheet
430Kb / 5P
ONE CHANNEL HIGH SURGE TVS DIODE
December 2021 Rev. 1 - 2
D36V0S1U2LP1610Q DIODES-D36V0S1U2LP1610Q Datasheet
565Kb / 6P
ONE CHANNEL HIGH SURGE TVS DIODE
June 2021 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com