Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM1203 Datasheet (PDF) - Silicon Mitus, Inc.

SM1203 Datasheet PDF - Silicon Mitus, Inc.
Part # SM1203
Download  SM1203 Download
File Size   331.59 Kbytes
Page   1 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description PWM Controller for High Switching Frequency Dual Boost Converter with LDO

SM1203 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM1203 Datasheet PDF - Silicon Mitus, Inc.

Part # SM1203
Download  SM1203 Click to download

File Size   331.59 Kbytes
Page   1 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description PWM Controller for High Switching Frequency Dual Boost Converter with LDO

SM1203 Datasheet (HTML) - Silicon Mitus, Inc.


SM1203 Product details

Features
 8 V to 15 V Input Supply Voltage Range
 Two Step-up Regulator Controllers
. Peak-Current Mode Control – Fast Transient
. 100 kHz to 1 MHz Adjustable Switching Frequency
. VIN Gate Drive Output (12 V Clamped)
. Phase-shift Operation
 5 V, 100 mA LDO
 Programmable UVLO and Hysteresis
 Programmable Soft Start
 Boost Switching Enable Function
 Protections
. Step-up Regulator Controllers Overvoltage Protection
. Step-up Regulator Controllers Overcurrent Protection
. Thermal Shut Down Protection
Applications
 LCD TV LED Backlighting




Similar Part No. - SM1203

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SM120 RECTRON-SM120 Datasheet
25Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere)
logo
Bytes
SM120 BYTES-SM120 Datasheet
148Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SM120 FORMOSA-SM120 Datasheet
66Kb / 2P
Silicon epitaxial planer type
logo
DAESAN ELECTRONIC CORP.
SM120 DAESAN-SM120 Datasheet
264Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 20 to 60 Volts
logo
UNIOHM CORPORATION
SM120 UNIOHM-SM120 Datasheet
62Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SM1203

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1107 AAT-AAT1107 Datasheet
396Kb / 16P
BUCK_BOOST & BOOST PWM CONTROLLER WITH ADJUSTABLE LDO
V 1.0
logo
Linear Technology
LT1950 LINER-LT1950 Datasheet
275Kb / 20P
Single Switch PWM Controller with Auxiliary Boost Converter
logo
Richtek Technology Corp...
RT9287 RICHTEK-RT9287 Datasheet
372Kb / 13P
Boost Converter for OLED Power with Dual LDO
RT9287A RICHTEK-RT9287A Datasheet
309Kb / 14P
Boost Converter for WLED Power with Dual LDO
logo
Linear Technology
LT3570 LINER-LT3570 Datasheet
282Kb / 20P
1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
LT1950 LINER-LT1950_15 Datasheet
223Kb / 20P
Single Switch PWM Controller with Auxiliary Boost Converter
LT3570 LINER-LT3570_15 Datasheet
293Kb / 20P
1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
logo
Silicon Mitus, Inc.
SM1201 SILICONMITUS-SM1201 Datasheet
327Kb / 1P
PWM Controller for Boost Converter with LDO
Februay 2018 -Rev. 0.0.0
SM1202 SILICONMITUS-SM1202 Datasheet
329Kb / 1P
PWM Controller for Dual Boost Converter with LDO
Februay 2018 - Rev. 0.0.0
logo
Richtek Technology Corp...
RT4809 RICHTEK-RT4809 Datasheet
559Kb / 11P
DC-DC Boost Converter for PWM Controller
December 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com