Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9287 Datasheet (PDF) - Richtek Technology Corporation

RT9287 Datasheet PDF - Richtek Technology Corporation
Part # RT9287
Download  RT9287 Download
File Size   372.92 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Boost Converter for OLED Power with Dual LDO

RT9287 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9287 Datasheet PDF - Richtek Technology Corporation

Part # RT9287
Download  RT9287 Click to download

File Size   372.92 Kbytes
Page   13 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Boost Converter for OLED Power with Dual LDO

RT9287 Datasheet (HTML) - Richtek Technology Corporation


RT9287 Product details

General Description
The RT9287 integrates a boost converter for OLED power and a Dual LDO for camera image sensor power. To achieve high efficiency, the boost converter optimizes its operating frequency for small LC filters value and reduces the operating current. Moreover, the internal soft-start function reduces the inrush current.

Features
• Boost Converter
    ► VIN Operating Range : 2.7V to 5.5V
    ► Maximum Output Voltage Up to 20V
    ► Output Current up to 100mA at VOUT = 12V.
    ► Low Shutdown Supply Current
    ► Minimize the External Component
    ► Small LC Filter
    ► Internal Soft Start
• Dual LDO
    ► Wide Operating Voltage Ranges : 2.7V to 5.5V
    ► Low-Noise for RF Application
    ► No Noise Bypass Capacitor Required
    ► Fast Response in Line/Load Transient
    ► TTL-Logic-Controlled Shutdown Input
    ► Low Temperature Coefficient
    ► Dual LDO Outputs (300mA/300mA)
    ► Ultra-low Quiescent Current 27μA/LDO
    ► High Output Accuracy 2%
    ► Short Circuit Protection
    ► Thermal Shutdown Protection
    ► Current Limit Protection
    ► Short Circuit Thermal Folded Back Protection
• RoHS Compliant and 100% Lead (Pb)-Free

Applications
• Camera Phone
• OLED Power




Similar Part No. - RT9287

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9287A RICHTEK-RT9287A Datasheet
309Kb / 14P
Boost Converter for WLED Power with Dual LDO
RT9287A-FQGQW RICHTEK-RT9287A-FQGQW Datasheet
309Kb / 14P
Boost Converter for WLED Power with Dual LDO
RT9287A-FQPQW RICHTEK-RT9287A-FQPQW Datasheet
309Kb / 14P
Boost Converter for WLED Power with Dual LDO
RT9287A-MGGQW RICHTEK-RT9287A-MGGQW Datasheet
309Kb / 14P
Boost Converter for WLED Power with Dual LDO
RT9287A-MGPQW RICHTEK-RT9287A-MGPQW Datasheet
309Kb / 14P
Boost Converter for WLED Power with Dual LDO
More results


Similar Description - RT9287

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61120 TI-TPS61120 Datasheet
462Kb / 25P
SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
logo
Zetex Semiconductors
ZXLB1600 ZETEX-ZXLB1600_03 Datasheet
223Kb / 16P
LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
logo
Richtek Technology Corp...
RT9287A RICHTEK-RT9287A Datasheet
309Kb / 14P
Boost Converter for WLED Power with Dual LDO
logo
Texas Instruments
TPS2505 TI-TPS2505 Datasheet
849Kb / 28P
INTEGRATED DUAL USB SWITCHES, BOOST CONVERTER AND LDO
TPS61120PW TI-TPS61120PW Datasheet
1,011Kb / 32P
SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
logo
Linear Technology
LT8415 LINER-LT8415_15 Datasheet
192Kb / 12P
Ultralow Power Boost Converter with Dual Half-Bridge Switches
logo
Texas Instruments
TPS2505 TI1-TPS2505_15 Datasheet
1Mb / 33P
Integrated Dual USB Switches, Boost Converter and LDO
logo
Silicon Mitus, Inc.
SM1201 SILICONMITUS-SM1201 Datasheet
327Kb / 1P
PWM Controller for Boost Converter with LDO
Februay 2018 -Rev. 0.0.0
SM1202 SILICONMITUS-SM1202 Datasheet
329Kb / 1P
PWM Controller for Dual Boost Converter with LDO
Februay 2018 - Rev. 0.0.0
SM1203 SILICONMITUS-SM1203 Datasheet
331Kb / 1P
PWM Controller for High Switching Frequency Dual Boost Converter with LDO
Februay 2018-Rev. 0.0.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com