Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7829 Datasheet (PDF) - Bourns Electronic Solutions

7829 Datasheet PDF - Bourns Electronic Solutions
Part # 7829
Download  7829 Download
File Size   422.77 Kbytes
Page   1 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 6 mm Through-hole Sealed Rotary Switch

7829 Datasheet (PDF)

Go To PDF Page Download Datasheet
7829 Datasheet PDF - Bourns Electronic Solutions

Part # 7829
Download  7829 Click to download

File Size   422.77 Kbytes
Page   1 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 6 mm Through-hole Sealed Rotary Switch

7829 Datasheet (HTML) - Bourns Electronic Solutions




Similar Part No. - 7829

ManufacturerPart #DatasheetDescription
logo
REMA Lipprandt GmbH & C...
78290-00 REMA-78290-00 Datasheet
325Kb / 9P
REMA Connectors with flat Contacts
logo
List of Unclassifed Man...
78290-XYY ETC2-78290-XYY Datasheet
707Kb / 8P
BERGSTIK II HEADER 100 2.54cc SR STRAIGHT
logo
FCI connector
78290-XYY FCI-CONNECTOR-78290-XYY Datasheet
707Kb / 8P
BERGSTIK II HEADER .100/2.54cc SR STRAIGHT
78290-XYY FCI-CONNECTOR-78290-XYY Datasheet
707Kb / 8P
BERGSTIK II HEADER 100/200cc SR STRAIGHT
logo
REMA Lipprandt GmbH & C...
78291-00 REMA-78291-00 Datasheet
325Kb / 9P
REMA Connectors with flat Contacts
More results


Similar Description - 7829

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7813 BOURNS-7813 Datasheet
140Kb / 2P
SMD 3 mm Square Sealed Rotary Switch
7814 BOURNS-7814 Datasheet
145Kb / 2P
SMD 4 mm Square Sealed Rotary Switch
7914 BOURNS-7914 Datasheet
254Kb / 2P
4 mm SMD & Through-hole Sealed Key Switch
logo
Omron Electronics LLC
A6CV OMRON-A6CV Datasheet
583Kb / 4P
Sealed Rotary DIP Switch
logo
Bourns Electronic Solut...
7813 BOURNS-7813_10 Datasheet
233Kb / 2P
SMD 3 mm Square Sealed Rotary Switch
7814 BOURNS-7814_09 Datasheet
327Kb / 2P
SMD 4 mm Square Sealed Rotary Switch
7914J-1-000E BOURNS-7914J-1-000E Datasheet
573Kb / 2P
7914 4 mm SMD & Through-hole Sealed Key Switch
7814 BOURNS-7814_11 Datasheet
300Kb / 1P
SMD 4 mm Square Sealed Rotary Switch
7813 BOURNS-7813_12 Datasheet
171Kb / 2P
SMD 3 mm Square Sealed Rotary Switch
7814J BOURNS-7814J Datasheet
299Kb / 1P
7814 SMD 4 mm Square Sealed Rotary Switch
Jan 27, 2003
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com