Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7914 Datasheet (PDF) - Bourns Electronic Solutions

7914 Datasheet PDF - Bourns Electronic Solutions
Part # 7914
Download  7914 Download
File Size   254.62 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 4 mm SMD & Through-hole Sealed Key Switch

7914 Datasheet (PDF)

Go To PDF Page Download Datasheet
7914 Datasheet PDF - Bourns Electronic Solutions

Part # 7914
Download  7914 Click to download

File Size   254.62 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 4 mm SMD & Through-hole Sealed Key Switch

7914 Datasheet (HTML) - Bourns Electronic Solutions


7914 Product details

Features
■ Compatible with most surface mount soldering processes
■ Compatible with popular vacuum pick-and place equipment
■ J-hook, gull-wing & pinned configurations
■ Sealed for board washing
■ Meets EIA/EIAJ/IPC/VRCI SMD standard outlne dimensions
■ Top or side actuated
■ RoHS compliant*




Similar Part No. - 7914

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7914 BOURNS-7914 Datasheet
393Kb / 2P
SMD & Through-hole Sealed Key Switch
logo
Lapp.
79140400 LAPP-79140400 Datasheet
141Kb / 2P
EPIC® H-B 24 TBFH
17.09.2018
79142400 LAPP-79142400 Datasheet
132Kb / 2P
EPIC® H-B 24 TBFH-LB
17.09.2018
logo
Weidmuller
7914760001 WEIDMULLER-7914760001 Datasheet
148Kb / 2P
Fuse Terminal Accessories
12/01
7914890000 WEIDMULLER-7914890000 Datasheet
148Kb / 2P
Fuse Terminal Accessories
12/01
More results


Similar Description - 7914

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
STSS BOURNS-STSS Datasheet
215Kb / 2P
SMD 4 mm Sealed Tact Switch
7814 BOURNS-7814 Datasheet
145Kb / 2P
SMD 4 mm Square Sealed Rotary Switch
7829 BOURNS-7829 Datasheet
422Kb / 1P
6 mm Through-hole Sealed Rotary Switch
logo
Molex Electronics Ltd.
0955032441 MOLEX11-0955032441 Datasheet
200Kb / 5P
4/4 JACK THROUGH HOLE NO KEY VERSION
logo
Bourns Electronic Solut...
7813 BOURNS-7813_10 Datasheet
233Kb / 2P
SMD 3 mm Square Sealed Rotary Switch
7814 BOURNS-7814_09 Datasheet
327Kb / 2P
SMD 4 mm Square Sealed Rotary Switch
7914 BOURNS-7914_10 Datasheet
393Kb / 2P
SMD & Through-hole Sealed Key Switch
7914J-1-000E BOURNS-7914J-1-000E Datasheet
573Kb / 2P
7914 4 mm SMD & Through-hole Sealed Key Switch
7814 BOURNS-7814_11 Datasheet
300Kb / 1P
SMD 4 mm Square Sealed Rotary Switch
7814J BOURNS-7814J Datasheet
299Kb / 1P
7814 SMD 4 mm Square Sealed Rotary Switch
Jan 27, 2003
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com